Electronic Components Datasheet Search
  English  ▼

X  

ADMV4530 Datasheet(PDF) 5 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 5 Page - Analog Devices

  ADMV4530 Datasheet HTML 1Page - Analog Devices ADMV4530 Datasheet HTML 2Page - Analog Devices ADMV4530 Datasheet HTML 3Page - Analog Devices ADMV4530 Datasheet HTML 4Page - Analog Devices ADMV4530 Datasheet HTML 5Page - Analog Devices ADMV4530 Datasheet HTML 6Page - Analog Devices ADMV4530 Datasheet HTML 7Page - Analog Devices ADMV4530 Datasheet HTML 8Page - Analog Devices ADMV4530 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
Data Sheet
ADMV4530
SPECIFICATIONS
analog.com
Rev. C | 5 of 64
I/Q MODE
I/Q frequency = 25 MHz, I/Q input power = −10 dBm, RF frequency = 29 GHz, 1 MHz tone spacing, upper sideband, R_WORD = 2,
CP_CURRENT = 4.20 mA, REF_IN power = 8 dBm, REF_IN frequency = 200 MHz, loop filter bandwidth = 540 kHz, VCC_DRV = VCC_AMP
= VCC2_DRV = 4 V, VCC_IF = VCC2_IF = VCC_VVA = VCC_MIXER = VCC_DOUBLER = VCC_VCO = VCC_DIV = VCC_LDO = VCC_CP =
3.3 V, VCC_1P8V = 1.8 V, TA = 25°C, common-mode voltage (VCM) = 0.5 V, VCTR_RF = 1.8 V, and board losses de-embedded to the device,
unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT FREQUENCY RANGE
27
31
GHz
OUTPUT RETURN LOSS
−9
dB
RF GAIN
17
21
dB
Flatness
±1
dB
Dynamic Range
30
dB
VCTR_RF Control
Range
0
1.8
V
Slope
32
dB/V
VCTR_RF = 0.6 V to 1.5 V
1 dB COMPRESSION POINT (P1dB)
17
19
dBm
Maximum gain
OUTPUT THIRD-ORDER DISTORTION (IP3)
29
dBm
Maximum gain, −10 dBm per tone, 1 MHz tone spacing
NOISE DENSITY
−139
dBm/Hz
Maximum gain
OUTPUT SPURIOUS
Spurs at maximum gain
Reference Spurs
−65
dBm
VCO Feedthrough
−75
dBm
1 dB BANDWIDTH
500
MHz
Per differential I and Q inputs
I/Q COMMON-MODE VOLTAGE (VCM)
0
0.5
2.5
V
DIFFERENTIAL INPUT IMPEDANCE
100
Ω
SIDEBAND REJECTION
−27
dBc
Uncalibrated
LO TO RF LEAKAGE
Minimum Gain
−41
dBm
Uncalibrated
Maximum Gain
−15
dBm
Uncalibrated
−45
dBm
Calibrated
SUPPLY VOLTAGE
3.8
4.0
4.2
V
VCC_DRV, VCC_AMP, and VCC2_DRV pins
3.2
3.3
3.4
V
VCC_IF, VCC2_IF, VCC_VVA, VCC_MIXER, VCC_DOUBLER, VCC_BG,
VCC_VCO, VCC_DIV, VCC_LDO, and VCC_CP pins
1.7
1.8
1.9
V
VCC_1P8V
SUPPLY CURRENT
200
mA
VCC_DRV, VCC_AMP, and VCC2_DRV pins
320
mA
VCC_IF, VCC2_IF, VCC_VVA, VCC_MIXER, VCC_DOUBLER, VCC_BG,
VCC_VCO, VCC_DIV, VCC_LDO, and VCC_CP pins
2
mA
VCC_1P8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com