Electronic Components Datasheet Search
  English  ▼

X  

ADMV4530 Datasheet(PDF) 22 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 18Page - Analog Devices ADMV4530 Datasheet HTML 19Page - Analog Devices ADMV4530 Datasheet HTML 20Page - Analog Devices ADMV4530 Datasheet HTML 21Page - Analog Devices ADMV4530 Datasheet HTML 22Page - Analog Devices ADMV4530 Datasheet HTML 23Page - Analog Devices ADMV4530 Datasheet HTML 24Page - Analog Devices ADMV4530 Datasheet HTML 25Page - Analog Devices ADMV4530 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
Data Sheet
ADMV4530
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. C | 22 of 64
RETURN LOSS AND LEAKAGES
VCC_DRV = VCC_AMP = VCC2_DRV = 4 V, VCC_IF = VCC2_IF = VCC_VVA = VCC_MIXER = VCC_DOUBLER = VCC_VCO = VCC_DIV =
VCC_LDO = VCC_CP = 3.3 V, VCC_1P8V = 1.8 V, TA = +25°C, −40°C, and +85°C, VCTR_RF = 1.8 V, and VCTR_IF = 0 V, unless otherwise
noted.
Figure 61. Output Return Loss vs. RF Frequency over Temperature
Figure 62. I/Q Inputs Return Loss vs. I/Q Frequency, Single-Ended over
Temperature (S11 Is Return Loss)
Figure 63. LO to RF Feedthrough vs. LO Frequency, Uncalibrated over
Temperature
Figure 64. IF Input Return Loss vs. IF Frequency over Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com