Electronic Components Datasheet Search
  English  ▼

X  

ADMV4530 Datasheet(PDF) 55 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 51Page - Analog Devices ADMV4530 Datasheet HTML 52Page - Analog Devices ADMV4530 Datasheet HTML 53Page - Analog Devices ADMV4530 Datasheet HTML 54Page - Analog Devices ADMV4530 Datasheet HTML 55Page - Analog Devices ADMV4530 Datasheet HTML 56Page - Analog Devices ADMV4530 Datasheet HTML 57Page - Analog Devices ADMV4530 Datasheet HTML 58Page - Analog Devices ADMV4530 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
Data Sheet
ADMV4530
REGISTER DETAILS
analog.com
Rev. C | 55 of 64
Table 46. Bit Descriptions for REG0033
Bits
Bit Name
Description
Reset
Recommended
Access
[7:5]
VCO_FSM_READBACK
VCO Finite State Machine Read Back.
0x0
0x0
R/W
000: checkerboard.
001: read back core and band.
101: ADC reading (temperature sensor).
[4:0]
SYNTH_LOCK_TIMEOUT
Synthesizer Lock Timeout. See the Autocalibration Lock Time section for
details.
0x0
User defined
R/W
Address: 0x034, Reset: 0x00, Name: REG0034
Table 47. Bit Descriptions for REG0034
Bits
Bit Name
Description
Reset
Recommended
Access
[7:5]
VCO_FSM_TEST_MODES
VCO Finite State Machine Test Modes.
0x0
0x4
R/W
000: normal operation.
010: manual overwrite VCO core and band.
100: manual overwrite of VCO calibration voltage.
[4:0]
VCO_ALC_TIMEOUT
VCO ALC Timeout. Keep this bit set to 0.
0x0
0x0
R/W
Address: 0x035, Reset: 0x00, Name: REG0035
Table 48. Bit Descriptions for REG0035
Bits
Bit Name
Description
Reset
Recommended
Access
[7:0]
ADC_CLK_DIVIDER
ADC Clock Divider. ADC Clock = fPFD/((ADC_CLK_DIVIDER × 4) + 2).
0x0
0xFF
R/W
Address: 0x036, Reset: 0x00, Name: REG0036
Table 49. Bit Descriptions for REG0036
Bits
Bit Name
Description
Reset
Recommended
Access
[7:0]
ICP_ADJUST_OFFSET
Reserved
0x0
0x30
R/W
Address: 0x037, Reset: 0x00, Name: REG0037



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com