Electronic Components Datasheet Search
  English  ▼

X  

ADMV4530 Datasheet(PDF) 26 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 22Page - Analog Devices ADMV4530 Datasheet HTML 23Page - Analog Devices ADMV4530 Datasheet HTML 24Page - Analog Devices ADMV4530 Datasheet HTML 25Page - Analog Devices ADMV4530 Datasheet HTML 26Page - Analog Devices ADMV4530 Datasheet HTML 27Page - Analog Devices ADMV4530 Datasheet HTML 28Page - Analog Devices ADMV4530 Datasheet HTML 29Page - Analog Devices ADMV4530 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
Data Sheet
ADMV4530
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. C | 26 of 64
Figure 76. VCO Sensitivity vs. VTUNE, Open Loop over Temperature,
SI_BAND_SEL = 5 and 25
Figure 77. VCO Phase Noise vs. Offset Frequency over Temperature, Open
Loop, VTUNE = 1.4 V, SI_BAND_SEL = 5 and 20
Figure 78. VCO Phase Noise vs. VTUNE for Various Offsets, Open Loop, TA =
25°C
Figure 79. Phase Noise vs. Offset Frequency over Temperature, R_WORD =
2, CP_CURRENT = 4.2 mA, LO Frequency = 30 GHz
Figure 80. Integrated Phase Noise vs. LO Frequency over Temperature,
R_WORD = 2, CP_CURRENT = 4.2 mA, Integrated from 1% to 50% of
the Symbol Rate
Figure 81. Phase Noise vs. Offset Frequency, LO Frequency = 27.2 GHz for
Various CP_CURRENT and R_WORD Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com