Electronic Components Datasheet Search
  English  ▼

X  

ADMV4530 Datasheet(PDF) 17 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 13Page - Analog Devices ADMV4530 Datasheet HTML 14Page - Analog Devices ADMV4530 Datasheet HTML 15Page - Analog Devices ADMV4530 Datasheet HTML 16Page - Analog Devices ADMV4530 Datasheet HTML 17Page - Analog Devices ADMV4530 Datasheet HTML 18Page - Analog Devices ADMV4530 Datasheet HTML 19Page - Analog Devices ADMV4530 Datasheet HTML 20Page - Analog Devices ADMV4530 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
Data Sheet
ADMV4530
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. C | 17 of 64
IF MODE
IF frequency = 2.7 GHz, IF power = −41 dBm, RF frequency = 29 GHz, 1 MHz tone spacing, upper sideband, R_WORD = 4, CP_CURRENT =
2.10 mA, REF_IN power = 8 dBm, REF_IN frequency = 200 MHz, loop filter bandwidth = 100 kHz, VCC_DRV = VCC_AMP = VCC2_DRV = 4
V, VCC_IF = VCC2_IF = VCC_VVA = VCC_MIXER = VCC_DOUBLER = VCC_VCO = VCC_DIV = VCC_LDO = VCC_CP = 3.3 V, VCC_1P8V
= 1.8 V, TA = +25°C, −40°C, and +85°C, VCTR_RF =1.8 V, VCTR_IF = 0 V, and board losses de-embedded to the device, unless otherwise
noted. Note that VCTR_IF is the voltage applied to the EXT_CAP_x pins.
Figure 34. Conversion Gain vs. RF Frequency over Temperature
Figure 35. Conversion Gain vs. Supply Voltage over Temperature
Figure 36. Output IP3 vs. RF Frequency over Temperature
Figure 37. Conversion Gain vs. IF Frequency over Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com