Electronic Components Datasheet Search
  English  ▼

X  

ADMV4530 Datasheet(PDF) 62 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 56Page - Analog Devices ADMV4530 Datasheet HTML 57Page - Analog Devices ADMV4530 Datasheet HTML 58Page - Analog Devices ADMV4530 Datasheet HTML 59Page - Analog Devices ADMV4530 Datasheet HTML 60Page - Analog Devices ADMV4530 Datasheet HTML 61Page - Analog Devices ADMV4530 Datasheet HTML 62Page - Analog Devices ADMV4530 Datasheet HTML 63Page - Analog Devices ADMV4530 Datasheet HTML 64Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 62 / 64 page
background image
Data Sheet
ADMV4530
REGISTER DETAILS
analog.com
Rev. C | 62 of 64
Table 68. Bit Descriptions for REG0109
Bits
Bit Name
Description
Reset
Recommended
Access
7
RESERVED
Reserved.
0x0
0x0
R/W
[6:0]
MIXER_DC_OFFSET_QN
Mixer DC Offset Adjustment QN. For I/Q mode, the default = 127 = 0x7F. For IF
mode, the default = 95 = 0x5F.
0x7F
I/Q mode: 0x7F, IF
mode: 0x5F
R/W
Address: 0x10C, Reset: 0x08, Name: REG010C
Table 69. Bit Descriptions for REG010C
Bits
Bit Name
Description
Reset
Recommended
Access
7
RESERVED
Reserved
0x0
0x0
R/W
[6:0]
DET_RANGE
Detector Range. Refer to the IF AGC Configuration section for details.
0x8
User defined
R/W
Address: 0x10D, Reset: 0x69, Name: REG010D
Table 70. Bit Descriptions for REG010D
Bits
Bit Name
Description
Reset
Recommended
Access
7
RESERVED
Reserved.
0x0
0x0
R/W
[6:0]
AGC_VREF_GEN
0x69
User defined
R/W
AGC Voltage Reference Generator.
Refer to the IF AGC Configuration section for details.
Address: 0x115, Reset: 0x08, Name: REG0115
Table 71. Bit Descriptions for REG0115
Bits
Bit Name
Description
Reset
Recommended
Access
7
IF_TERM
IF Termination (For I/Q Mode)
0x0
I/Q mode: 0x1
R/W
0: unterminated (IF mode)
IF mode: 0x0
1: terminated (I/Q mode)
[6:0]
RESERVED
Reserved
0x8
0x8
R/W
Address: 0x116, Reset: 0x00, Name: REG0116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com