Electronic Components Datasheet Search
  English  ▼

X  

ADMV4530 Datasheet(PDF) 43 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 39Page - Analog Devices ADMV4530 Datasheet HTML 40Page - Analog Devices ADMV4530 Datasheet HTML 41Page - Analog Devices ADMV4530 Datasheet HTML 42Page - Analog Devices ADMV4530 Datasheet HTML 43Page - Analog Devices ADMV4530 Datasheet HTML 44Page - Analog Devices ADMV4530 Datasheet HTML 45Page - Analog Devices ADMV4530 Datasheet HTML 46Page - Analog Devices ADMV4530 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
Data Sheet
ADMV4530
REGISTER DETAILS
analog.com
Rev. C | 43 of 64
Address: 0x000, Reset: 0x00, Name: REG0000
Table 10. Bit Descriptions for REG0000
Bits
Bit Name
Description
Reset
Recommended
Access
7
SOFT_RESET_R
Soft Reset
0x0
0x0
R/W
0: reset not asserted
1: reset asserted
6
LSB_FIRST_R
LSB First
0x0
0x0
R/W
0: MSB first
1: LSB first
5
ADDR_ASCN_R
Address Ascension
0x0
0x0
R/W
0: disable
1: enable
4
SDO_ACTIVE_R
SDO Active
0x0
0x1
R/W
0: disable (3-wire SPI)
1: enable (4-wire SPI)
3
SDO_ACTIVE
SDO Active
0x0
0x1
R/W
0: disable (3-wire SPI)
1: enable (4-wire SPI)
2
ADDR_ASCN
Address Ascension
0x0
0x0
R/W
0: disable
1: enable
1
LSB_FIRST
LSB First
0x0
0x0
R/W
0: MSB first
1: LSB first
0
SOFT_RESET
Soft Reset
0x0
0x0
R/W
0: reset not asserted
1: reset asserted
Address: 0x001, Reset: 0x00, Name: REG0001
Table 11. Bit Descriptions for REG0001
Bits
Bit Name
Description
Reset
Recommended
Access
7
SINGLE_INSTRUCTION
Single Instruction
0x0
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com