Electronic Components Datasheet Search
  English  ▼

X  

ADMV4530 Datasheet(PDF) 41 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 37Page - Analog Devices ADMV4530 Datasheet HTML 38Page - Analog Devices ADMV4530 Datasheet HTML 39Page - Analog Devices ADMV4530 Datasheet HTML 40Page - Analog Devices ADMV4530 Datasheet HTML 41Page - Analog Devices ADMV4530 Datasheet HTML 42Page - Analog Devices ADMV4530 Datasheet HTML 43Page - Analog Devices ADMV4530 Datasheet HTML 44Page - Analog Devices ADMV4530 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
Data Sheet
ADMV4530
REGISTER SUMMARY
analog.com
Rev. C | 41 of 64
Table 9. Register Summary (Continued)
Reg
(Hex) Name
Bits Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset Recommended R/W
02C
REG002C [7:0]
RESERVED
DISABLE_
ALC
0x00
0x01
R/W
030
REG0030
[7:0]
VCO_BAND_DIV
0x00
User defined
R/W
031
REG0031
[7:0]
TIMEOUT[7:0]
0x00
User defined
R/W
032
REG0032
[7:0] ADC_MUX_
SEL
RESERVED ADC_
FAST_
CONV
ADC_CTS_
CONV
ADC_CONV
ERSION
ADC_
ENABLE
TIMEOUT[9:8]
0x00
User defined
R/W
033
REG0033
[7:0]
VCO_FSM_READBACK
SYNTH_LOCK_TIMEOUT
0x00
User defined
R/W
034
REG0034
[7:0]
VCO_FSM_TEST_MODES
VCO_ALC_TIMEOUT
0x00
0x80
R/W
035
REG0035
[7:0]
ADC_CLK_DIVIDER
0x00
0xFF
R/W
036
REG0036
[7:0]
ICP_ADJUST_OFFSET
0x00
0x30
R/W
037
REG0037
[7:0]
SI_BAND_SEL
0x00
0x00
R/W
038
REG0038
[7:0]
SI_VCO_SEL
RESERVED
0x00
0x00
R/W
039
REG0039
[7:0] RESERVED
VCO_FSM_TEST_MUX_SEL
SI_VTUNE_CAL_SET
0x00
0x07
R/W
03A
REG003A
[7:0]
ADC_OFFSET
0x00
0x55
R/W
03E
REG003E
[7:0]
RESERVED
CP_TMODE
RESERVED
0x00
0x0C
R/W
06E
REG006E
[7:0]
VCO_DATA_READBACK[7:0]
0x00
N/A
R
06F
REG006F
[7:0]
VCO_DATA_READBACK[15:8]
0x00
N/A
R
073
REG0073
[7:0]
RESERVED
ADC_CLK_
DISABLE
NDIV_PD
LD_COUNT
_SEL
0x00
0x00
R/W
07C
REG007C [7:0]
RESERVED
LD_
READBACK
0x00
N/A
R
100
REG0100
[7:0] RF_BIAS_
PD
RESERVED
IFAMP_PD
RESERVED
_0
MIXER_SW
_CFG
IF_SW_EN
0x03
I/Q mode: 0x3A,
IF mode: 0x03
R/W
101
REG0101
[7:0]
RESERVED
MIXER_EN IF_DET_EN RESERVED AGC_EN
0x7F
I/Q mode: 0x78,
IF mode: 0x7D
R/W
102
REG0102
[7:0] IF_DET_
EN_
OVERRIDE
AGC_EN_
OVERRIDE
IF_VVA
_CFG
RESERVED
IFAMP_EN
RESERVED 0x3F
I/Q mode: 0x11,
IF mode: 0x3F
R/W
103
REG0103
[7:0] RESERVED
MIXER_VCM
0x51
I/Q mode: 0x5D,
IF mode: 0x5B
R/W
104
REG0104
[7:0] RESERVED
PHASE_ADJ_I
0x5F
0x5F
R/W
105
REG0105
[7:0] RESERVED
PHASE_ADJ_Q
0x5F
0x5F
R/W
106
REG0106
[7:0] RESERVED
MIXER_DC_OFFSET_IP
0x7F
I/Q mode: 0x7F,
IF mode: 0x5F
R/W
107
REG0107
[7:0] RESERVED
MIXER_DC_OFFSET_IN
0x7F
I/Q mode: 0x7F,
IF mode: 0x5F
R/W
108
REG0108
[7:0] RESERVED
MIXER_DC_OFFSET_QP
0x7F
I/Q mode: 0x7F,
IF mode: 0x5F
R/W
109
REG0109
[7:0] RESERVED
MIXER_DC_OFFSET_QN
0x7F
I/Q mode: 0x7F,
IF mode: 0x5F
R/W
10C
REG010C [7:0] RESERVED
DET_RANGE
0x08
User defined
R/W
10D
REG010D [7:0] RESERVED
AGC_VREF_GEN
0x69
User defined
R/W
115
REG0115
[7:0] IF_TERM
RESERVED
0x08
I/Q mode: 0x88,
IF mode: 0x08
R/W
116
REG0116
[7:0]
RESERVED
IF_FILTER
0x00
0x00
R/W
117
REG0117
[7:0]
REG_PAGE_SEL
RESERVED
0x4C
PLL: 0x0C,
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com