Electronic Components Datasheet Search
  English  ▼

X  

ADMV4530 Datasheet(PDF) 37 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 33Page - Analog Devices ADMV4530 Datasheet HTML 34Page - Analog Devices ADMV4530 Datasheet HTML 35Page - Analog Devices ADMV4530 Datasheet HTML 36Page - Analog Devices ADMV4530 Datasheet HTML 37Page - Analog Devices ADMV4530 Datasheet HTML 38Page - Analog Devices ADMV4530 Datasheet HTML 39Page - Analog Devices ADMV4530 Datasheet HTML 40Page - Analog Devices ADMV4530 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
Data Sheet
ADMV4530
THEORY OF OPERATION
analog.com
Rev. C | 37 of 64
IF MODE LO NULLING
LO nulling is performed in IF mode in a similar fashion as in I/Q
mode. However, dc offset is applied through Register 0x106 to
Register 0x109. Use Register 0x106 and Register 0x107 to force a
dc offset on the I side, and use Register 0x108 and Register 0x109
to force a dc offset on the Q side. It is important to sweep the
I and Q registers simultaneously in opposite direction so that the
following are true:
(MIXER_DC_OFFSET_IP + MIXER_DC_OFFSET_IN)/2 =
TARGET_MIXER_DC_OFFSET
(22)
(MIXER_DC_OFFSET_QP + MIXER_DC_OFFSET_QN)/2 =
TARGET_MIXER_DC_OFFSET
(23)
As in I/Q mode, LO nulling is two-step process. When LO nulling
on the I side, keep the Q side at the TARGET_MIXER_DC_OFF-
SET. When LO nulling on the Q side, keep the I side at the
TARGET_MIXER_DC_OFFSET, or at the determined value from
the first step. The optimal null is achieved when both settings
are combined. The recommended TARGET_MIXER_DC_OFFSET
value is 95 decimal (0x5F). It is recommended to keep the TAR-
GET_MIXER_DC_OFFSET above 63. The MIXER_DC_OFFSET
range for Register 0x106 to Register 0x109 is from 63 decimal to
127 decimal. The LO to RF feedthrough improves to approximately
−30 dB following this procedure. When the LO is nulled at a single
frequency and temperature, the LO to RF feedthrough is less than
−40 dBc, and the LO to RF feedthrough is less than −25 dBc across
frequency and temperature, as shown in Figure 57.
IF MODE SIDEBAND REJECTION NULLING
In IF mode, use Register 0x104 or Register 0x105 to perform
sideband rejection nulling. Each register has 128 settings, Bits[6:0].
Single frequency nulling allows sideband rejection to null down to
−50 dBc for a particular frequency. If the operating frequency or
temperature changes, sideband rejection nulling degrades. When
sideband rejection is nulled at 29 GHz, it is less than −30 dBc over
temperature and the frequency range is from 28 GHz to 30 GHz (as
shown in Figure 56).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com