Electronic Components Datasheet Search
  English  ▼

X  

ADMV4530 Datasheet(PDF) 10 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 6Page - Analog Devices ADMV4530 Datasheet HTML 7Page - Analog Devices ADMV4530 Datasheet HTML 8Page - Analog Devices ADMV4530 Datasheet HTML 9Page - Analog Devices ADMV4530 Datasheet HTML 10Page - Analog Devices ADMV4530 Datasheet HTML 11Page - Analog Devices ADMV4530 Datasheet HTML 12Page - Analog Devices ADMV4530 Datasheet HTML 13Page - Analog Devices ADMV4530 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
Data Sheet
ADMV4530
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. C | 10 of 64
Table 7. Pin Function Descriptions (Continued)
Pin No.
Mnemonic
Description
32
VCC_LDO
Supply Voltage for the Internal LDO Regulator, 3.3 V. Place a 1 µF decoupling capacitor close to this pin.
33
VCC_CP
Supply Voltage for the Charge Pump, 3.3 V. Place a 1 µF decoupling capacitor close to this pin.
34
RST
Reset. 3.3 V logic. Active low.
35
REF_IN
PLL Reference Input. Apply an external reference signal to this pin with a 0.01 µF, dc blocking capacitor. Refer to
Figure 90 for the external reference input configuration.
36
VCC_1P8V
Supply Voltage for the SPI Block, 1.8 V. Place a 1 µF decoupling capacitor close to this pin. The voltage on
VCC_1P8V must be applied at the same time or after all other supply pin voltages have been applied.
37, 39
GND
Ground. Connect these pins to RF and dc ground.
38
RFOUT
RF Output. This pin has a 50 Ω output impedance.
EPAD
Exposed Pad. Connect the exposed pad to RF and dc ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com