Electronic Components Datasheet Search
  English  ▼

X  

ADMV4530 Datasheet(PDF) 47 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 43Page - Analog Devices ADMV4530 Datasheet HTML 44Page - Analog Devices ADMV4530 Datasheet HTML 45Page - Analog Devices ADMV4530 Datasheet HTML 46Page - Analog Devices ADMV4530 Datasheet HTML 47Page - Analog Devices ADMV4530 Datasheet HTML 48Page - Analog Devices ADMV4530 Datasheet HTML 49Page - Analog Devices ADMV4530 Datasheet HTML 50Page - Analog Devices ADMV4530 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
Data Sheet
ADMV4530
REGISTER DETAILS
analog.com
Rev. C | 47 of 64
Table 24. Bit Descriptions for REG0016
Bits
Bit Name
Description
Reset
Recommended
Access
[7:0]
FRAC1WORD[23:16]
25-Bit Fractional 1 Word. Sets the FRAC1 value of N.
0x0
User defined
R/W
Address: 0x017, Reset: 0x00, Name: REG0017
Table 25. Bit Descriptions for REG0017
Bits
Bit Name
Description
Reset
Recommended
Access
[7:1]
FRAC2WORD[6:0]
14-Bit Fractional 2 Word. Sets the FRAC2 value of N.
0x0
User defined
R/W
0
FRAC1WORD[24]
25-Bit Fractional 1 Word. Sets the FRAC1 value of N.
0x0
R/W
Address: 0x018, Reset: 0x00, Name: REG0018
Table 26. Bit Descriptions for REG0018
Bits
Bit Name
Description
Reset
Recommended
Access
7
RESERVED
Reserved.
0x0
0x0
R/W
[6:0]
FRAC2WORD[13:7]
14-Bit Fractional 2 Word. Sets the FRAC2 value of N.
0x0
User defined
R/W
Address: 0x019, Reset: 0x00, Name: REG0019
Table 27. Bit Descriptions for REG0019
Bits
Bit Name
Description
Reset
Recommended
Access
[7:0]
MOD2WORD[7:0]
14-Bit Modulus 2 Word. Sets the MOD2 value of N.
0x0
User defined
R/W
Address: 0x01A, Reset: 0x00, Name: REG001A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com