Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 24Page - Infineon Technologies AG C167CS Datasheet HTML 25Page - Infineon Technologies AG C167CS Datasheet HTML 26Page - Infineon Technologies AG C167CS Datasheet HTML 27Page - Infineon Technologies AG C167CS Datasheet HTML 28Page - Infineon Technologies AG C167CS Datasheet HTML 29Page - Infineon Technologies AG C167CS Datasheet HTML 30Page - Infineon Technologies AG C167CS Datasheet HTML 31Page - Infineon Technologies AG C167CS Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 517 page
background image
C167CS
Derivatives
Architectural Overview
User’s Manual
2-11
V2.0, 2000-07
2.3
The On-Chip Peripheral Blocks
The C166 Family clearly separates peripherals from the core. This structure permits the
maximum number of operations to be performed in parallel and allows peripherals to be
added or deleted from family members without modifications to the core. Each functional
block processes data independently and communicates information over common
buses. Peripherals are controlled by data written to the respective Special Function
Registers (SFRs). These SFRs are located either within the standard SFR area
(00’FE00H … 00’FFFFH) or within the extended ESFR area (00’F000H … 00’F1FFH).
These built in peripherals either allow the CPU to interface with the external world, or
provide functions on-chip that otherwise were to be added externally in the respective
system.
The C167CS generic peripherals are:
• Two General Purpose Timer Blocks (GPT1 and GPT2)
• Two Serial Interfaces (ASC0 and SSC)
• A Watchdog Timer
• Two 16-channel Capture/Compare units (CAPCOM1 and CAPCOM2)
• A 4-channel Pulse Width Modulation unit
• A 10-bit Analog/Digital Converter
• A Real Time Clock
• Nine IO ports with a total of 111 IO lines
Each peripheral also contains a set of Special Function Registers (SFRs), which control
the functionality of the peripheral and temporarily store intermediate data results. Each
peripheral has an associated set of status flags. Individually selected clock signals are
generated for each peripheral from binary multiples of the CPU clock.
Peripheral Interfaces
The on-chip peripherals generally have two different types of interfaces, an interface to
the CPU and an interface to external hardware. Communication between CPU and
peripherals is performed through Special Function Registers (SFRs) and interrupts. The
SFRs serve as control/status and data registers for the peripherals. Interrupt requests
are generated by the peripherals based on specific events which occur during their
operation (e.g. operation complete, error, etc.).
For interfacing with external hardware, specific pins of the parallel ports are used, when
an input or output function has been selected for a peripheral. During this time, the port
pins are controlled by the peripheral (when used as outputs) or by the external hardware
which controls the peripheral (when used as inputs). This is called the ‘alternate (input
or output) function’ of a port pin, in contrast to its function as a general purpose IO pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com