Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 46 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 46 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 42Page - Infineon Technologies AG C167CS Datasheet HTML 43Page - Infineon Technologies AG C167CS Datasheet HTML 44Page - Infineon Technologies AG C167CS Datasheet HTML 45Page - Infineon Technologies AG C167CS Datasheet HTML 46Page - Infineon Technologies AG C167CS Datasheet HTML 47Page - Infineon Technologies AG C167CS Datasheet HTML 48Page - Infineon Technologies AG C167CS Datasheet HTML 49Page - Infineon Technologies AG C167CS Datasheet HTML 50Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 517 page
background image
C167CS
Derivatives
Memory Organization
User’s Manual
3-9
V2.0, 2000-07
3.3
The On-Chip XRAM
The C167CS provides access to 8 KByte of on-chip extension RAM. The XRAM is
located within data page 3 and is split into two XRAM areas of 2 KByte and 6 KByte
(organized as 1 K
× 16 and 3 K × 16). As the XRAM is connected to the internal XBUS
it is accessed like external memory, however, no external bus cycles are executed for
these accesses. XRAM accesses are globally enabled or disabled via bit XPEN in
register SYSCON. This bit is cleared after reset and may be set via software during the
initialization to allow accesses to the on-chip XRAM. When the XRAM is disabled
(default after reset) all accesses to the XRAM area are mapped to external locations.
The XRAM may be used for both code (instructions) and data (variables, user stack,
tables, etc.) storage.
Code fetches are always made on even byte addresses. The highest possible code
storage location in the XRAM is either 00’E7FEH/00’D7FEH for single word instructions,
or 00’E7FCH/00’D7FCH for double word instructions. The respective location must
contain a branch instruction (unconditional), because sequential boundary crossing from
XRAM to external memory is not supported and causes erroneous results.
Any word and byte data read accesses may use the indirect or long 16-bit addressing
modes. There is no short addressing mode for XRAM operands. Any word data access
is made to an even byte address. The highest possible word data storage location in the
XRAM is 00’E7FEH/00’D7FEH. For PEC data transfers the XRAM can be accessed
independent of the contents of the DPP registers via the PEC source and destination
pointers.
Note: As the XRAM appears like external memory it cannot be used for the C167CS’s
system stack or register banks. The XRAM is not provided for single bit storage
and therefore is not bitaddressable.
The on-chip XRAM is accessed with the following bus cycles:
• Normal ALE
• No cycle time waitstates (no READY control)
• No tristate time waitstate
• No Read/Write delay
• 16-bit demultiplexed bus cycles (4 TCL)
Even if the XRAM is used like external memory it does not occupy BUSCONx/
ADDRSELx registers but rather is selected via additional dedicated XBCON/XADRS
registers. These registers are mask-programmed and are not user accessible. With
these registers the address areas 00’E000H to 00’E7FFH and 00’C000H to 00’DFFFH are
reserved for XRAM accesses.
Note: The 6 KByte XRAM area only covers locations 00’C000H to 00’D7FFH. The
address decoder, however, reserves 213 KBytes, i.e. locations 00’C000H to
00’DFFFH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com