Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 70 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 70 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 66Page - Infineon Technologies AG C167CS Datasheet HTML 67Page - Infineon Technologies AG C167CS Datasheet HTML 68Page - Infineon Technologies AG C167CS Datasheet HTML 69Page - Infineon Technologies AG C167CS Datasheet HTML 70Page - Infineon Technologies AG C167CS Datasheet HTML 71Page - Infineon Technologies AG C167CS Datasheet HTML 72Page - Infineon Technologies AG C167CS Datasheet HTML 73Page - Infineon Technologies AG C167CS Datasheet HTML 74Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 517 page
background image
C167CS
Derivatives
The Central Processing Unit (CPU)
User’s Manual
4-20
V2.0, 2000-07
The Code Segment Pointer CSP
This non-bit addressable register selects the code segment being used at run-time to
access instructions. The lower 8 bits of register CSP select one of up to 256 segments
of 64 KBytes each, while the upper 8 bits are reserved for future use.
Code memory addresses are generated by directly extending the 16-bit contents of the
IP register by the contents of the CSP register as shown in Figure 4-5.
In case of the segmented memory mode the selected number of segment address bits
(via bitfield SALSEL) of register CSP is output on the respective segment address pins
of Port 4 for all external code accesses. For non-segmented memory mode or Single
Chip Mode the content of this register is not significant, because all code accesses are
automatically restricted to segment 0.
Note: The CSP register can only be read but not written by data operations. It is,
however, modified either directly by means of the JMPS and CALLS instructions,
or indirectly via the stack by means of the RETS and RETI instructions.
Upon the acceptance of an interrupt or the execution of a software TRAP
instruction, the CSP register is automatically set to zero.
CSP
Code Segment Pointer
SFR (FE08H/04H)
Reset Value: 0000H
15
14
13
12
11
10
9876
543210
--
------
SEGNR
-
-
-
-
-
-
-
-
r(w)h
Bit
Function
SEGNR
Segment Number
Specifies the code segment, from where the current instruction is to be
fetched. SEGNR is ignored, when segmentation is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com