Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 65 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 65 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 61Page - Infineon Technologies AG C167CS Datasheet HTML 62Page - Infineon Technologies AG C167CS Datasheet HTML 63Page - Infineon Technologies AG C167CS Datasheet HTML 64Page - Infineon Technologies AG C167CS Datasheet HTML 65Page - Infineon Technologies AG C167CS Datasheet HTML 66Page - Infineon Technologies AG C167CS Datasheet HTML 67Page - Infineon Technologies AG C167CS Datasheet HTML 68Page - Infineon Technologies AG C167CS Datasheet HTML 69Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 517 page
background image
C167CS
Derivatives
The Central Processing Unit (CPU)
User’s Manual
4-15
V2.0, 2000-07
System Clock Output Enable (CLKEN)
The system clock output function is enabled by setting bit CLKEN in register SYSCON
to ‘1’. If enabled, port pin P3.15 takes on its alternate function as CLKOUT output pin.
The clock output is a 50% duty cycle clock (except for direct drive operation where
CLKOUT reflects the clock input signal, and for slowdown operation where CLKOUT
mirrors the CPU clock signal) whose frequency equals the CPU operating frequency
(
fOUT = fCPU).
Note: The output driver of port pin P3.15 is switched on automatically, when the
CLKOUT function is enabled. The port direction bit is disregarded.
After reset, the clock output function is disabled (CLKEN = ‘0’).
In emulation mode the CLKOUT function is enabled automatically.
While signal CLKOUT is tightly coupled to the CPU clock signal, the programmable
frequency signal FOUT (controlled by register FOCON) may be output on this pin.
Please refer to Chapter 21.
Segmentation Disable/Enable Control (SGTDIS)
Bit SGTDIS allows to select either the segmented or non-segmented memory mode.
In non-segmented memory mode (SGTDIS = ‘1’) it is assumed that the code address
space is restricted to 64 KBytes (segment 0) and thus 16 bits are sufficient to represent
all code addresses. For implicit stack operations (CALL or RET) the CSP register is
totally ignored and only the IP is saved to and restored from the stack.
In segmented memory mode (SGTDIS = ‘0’) it is assumed that the whole address
space is available for instructions. For implicit stack operations (CALL or RET) the CSP
register and the IP are saved to and restored from the stack. After reset the segmented
memory mode is selected.
Note: Bit SGTDIS controls if the CSP register is pushed onto the system stack in
addition to the IP register before an interrupt service routine is entered, and it is
repopped when the interrupt service routine is left again.
System Stack Size (STKSZ)
This bitfield defines the size of the physical system stack, which is located in the internal
RAM of the C167CS. An area of 32 … 512 words or all of the internal RAM may be
dedicated to the system stack. A so-called “circular stack” mechanism allows to use a
bigger virtual stack than this dedicated RAM area.
These techniques as well as the encoding of bitfield STKSZ are described in more detail
in Chapter 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com