Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 11Page - Infineon Technologies AG C167CS Datasheet HTML 12Page - Infineon Technologies AG C167CS Datasheet HTML 13Page - Infineon Technologies AG C167CS Datasheet HTML 14Page - Infineon Technologies AG C167CS Datasheet HTML 15Page - Infineon Technologies AG C167CS Datasheet HTML 16Page - Infineon Technologies AG C167CS Datasheet HTML 17Page - Infineon Technologies AG C167CS Datasheet HTML 18Page - Infineon Technologies AG C167CS Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 517 page
background image
C167CS
Derivatives
Introduction
User’s Manual
1-5
V2.0, 2000-07
16-Priority-Level Interrupt System
• 56 interrupt nodes with separate interrupt vectors
• 240/180 ns typical interrupt latency (400/300 ns maximum)
in case of internal program execution
• Fast external interrupts
8-Channel Peripheral Event Controller (PEC)
• Interrupt driven single cycle data transfer
• Transfer count option (std. CPU interrupt after programmable number of PEC transfers)
• Eliminates overhead of saving and restoring system state for interrupt requests
Intelligent On-Chip Peripheral Subsystems
• 24-channel 10-bit A/D Converter with programmable conversion time
(7.76
µs minimum), auto scan modes, channel injection mode
• Two 16-channel Capture/Compare Units with 2 independent time bases each,
very flexible PWM unit/event recording unit with different operating modes,
includes four 16-bit timers/counters, maximum resolution
fCPU/8
• 4-channel PWM unit
• Two Multifunctional General Purpose Timer Units
GPT1: Three 16-bit timers/counters, maximum resolution
fCPU/8
GPT2: Two 16-bit timers/counters, maximum resolution
fCPU/4
• Asynchronous/Synchronous Serial Channels (USART)
with baud rate generator, parity, framing, and overrun error detection
• High Speed Synchronous Serial Channel
programmable data length and shift direction
• Two on-chip CAN Bus Modules, Rev. 2.0B active
•Real Time Clock
• Watchdog Timer with programmable time intervals
• Bootstrap Loader for flexible system initialization
111 IO Lines with Individual Bit Addressability
• Tri-stated in input mode
• Selectable input thresholds (not on all pins)
• Push/pull or open drain output mode
• Programmable port driver control
Different Temperature Ranges
• 0 to + 70
°C, – 40 to + 85 °C, – 40 to + 125 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com