Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 93 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 93 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 89Page - Infineon Technologies AG C167CS Datasheet HTML 90Page - Infineon Technologies AG C167CS Datasheet HTML 91Page - Infineon Technologies AG C167CS Datasheet HTML 92Page - Infineon Technologies AG C167CS Datasheet HTML 93Page - Infineon Technologies AG C167CS Datasheet HTML 94Page - Infineon Technologies AG C167CS Datasheet HTML 95Page - Infineon Technologies AG C167CS Datasheet HTML 96Page - Infineon Technologies AG C167CS Datasheet HTML 97Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 517 page
background image
C167CS
Derivatives
Interrupt and Trap Functions
User’s Manual
5-10
V2.0, 2000-07
Interrupt Control Functions in the PSW
The Processor Status Word (PSW) is functionally divided into 2 parts: the lower byte of
the PSW basically represents the arithmetic status of the CPU, the upper byte of the
PSW controls the interrupt system of the C167CS and the arbitration mechanism for the
external bus interface.
Note: Pipeline effects have to be considered when enabling/disabling interrupt requests
via modifications of register PSW (see Chapter 4).
PSW
Processor Status Word
SFR (FF10H/88H)
Reset Value: 0000H
15
14
13
12
11
10
98765
43210
ILVL
IEN
HLD
EN
--
-
USR
0
MUL
IP
EZV
C
N
rw
rw
rw
-
-
-
rw
rwh
rwh
rwh
rwh
rwh
rwh
Bit
Function
N, C, V, Z, E,
MULIP, USR0
CPU status flags (Described in Chapter 4)
Define the current status of the CPU (ALU, multiplication unit).
HLDEN
HOLD Enable (Enables External Bus Arbitration)
0:
Bus arbitration disabled,
P6.7 … P6.5 may be used for general purpose IO
1:
Bus arbitration enabled,
P6.7 … P6.5 serve as BREQ, HLDA, HOLD, resp.
IEN
Interrupt Enable Control Bit (Globally enables/disables interrupt
requests)
0:
Interrupt requests are disabled
1:
Interrupt requests are enabled
ILVL
CPU Priority Level
Defines the current priority level for the CPU
FH:
Highest priority level
0H:
Lowest priority level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com