Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 68 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 68 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 64Page - Infineon Technologies AG C167CS Datasheet HTML 65Page - Infineon Technologies AG C167CS Datasheet HTML 66Page - Infineon Technologies AG C167CS Datasheet HTML 67Page - Infineon Technologies AG C167CS Datasheet HTML 68Page - Infineon Technologies AG C167CS Datasheet HTML 69Page - Infineon Technologies AG C167CS Datasheet HTML 70Page - Infineon Technologies AG C167CS Datasheet HTML 71Page - Infineon Technologies AG C167CS Datasheet HTML 72Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 517 page
background image
C167CS
Derivatives
The Central Processing Unit (CPU)
User’s Manual
4-18
V2.0, 2000-07
regardless of whether the V-flag is set to ‘1’ or not.
Since logical ALU operations cannot produce an invalid result, the V-flag is cleared by
these operations.
The V-flag is also used as ‘Sticky Bit’ for rotate right and shift right operations. With only
using the C-flag, a rounding error caused by a shift right operation can be estimated up
to a quantity of one half of the LSB of the result. In conjunction with the V-flag, the C-flag
allows evaluating the rounding error with a finer resolution (see Table 4-2).
For Boolean bit operations with only one operand the V-flag is always cleared. For
Boolean bit operations with two operands the V-flag represents the logical ORing of the
two specified bits.
Z-Flag: The Z-flag is normally set to ‘1’, if the result of an ALU operation equals zero,
otherwise it is cleared.
For the addition and subtraction with carry the Z-flag is only set to ‘1’, if the Z-flag already
contains a ‘1’ and the result of the current ALU operation additionally equals zero. This
mechanism is provided for the support of multiple precision calculations.
For Boolean bit operations with only one operand the Z-flag represents the logical
negation of the previous state of the specified bit. For Boolean bit operations with two
operands the Z-flag represents the logical NORing of the two specified bits. For the
prioritize ALU operation the Z-flag indicates, if the second operand was zero or not.
E-Flag: The E-flag can be altered by instructions, which perform ALU or data movement
operations. The E-flag is cleared by those instructions which cannot be reasonably used
for table search operations. In all other cases the E-flag is set depending on the value of
the source operand to signify whether the end of a search table is reached or not. If the
value of the source operand of an instruction equals the lowest negative number, which
is representable by the data format of the corresponding instruction (‘8000H’ for the word
data type, or ‘80H’ for the byte data type), the E-flag is set to ‘1’, otherwise it is cleared.
MULIP-Flag: The MULIP-flag will be set to ‘1’ by hardware upon the entrance into an
interrupt service routine, when a multiply or divide ALU operation was interrupted before
completion. Depending on the state of the MULIP bit, the hardware decides whether a
multiplication or division must be continued or not after the end of an interrupt service.
The MULIP bit is overwritten with the contents of the stacked MULIP-flag when the
return-from-interrupt-instruction (RETI) is executed. This normally means that the
MULIP-flag is cleared again after that.
Table 4-2
Shift Right Rounding Error Evaluation
C-flag
V-flag
Rounding Error Quantity
0
0
1
1
0
1
0
1
–
No rounding error
–
0 <
Rounding error
< 1/2 LSB
Rounding error
= 1/2 LSB
Rounding error
> 1/2 LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com