Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 99 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 99 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 95Page - Infineon Technologies AG C167CS Datasheet HTML 96Page - Infineon Technologies AG C167CS Datasheet HTML 97Page - Infineon Technologies AG C167CS Datasheet HTML 98Page - Infineon Technologies AG C167CS Datasheet HTML 99Page - Infineon Technologies AG C167CS Datasheet HTML 100Page - Infineon Technologies AG C167CS Datasheet HTML 101Page - Infineon Technologies AG C167CS Datasheet HTML 102Page - Infineon Technologies AG C167CS Datasheet HTML 103Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 517 page
background image
C167CS
Derivatives
Interrupt and Trap Functions
User’s Manual
5-16
V2.0, 2000-07
5.3
Prioritization of Interrupt and PEC Service Requests
Interrupt and PEC service requests from all sources can be enabled, so they are
arbitrated and serviced (if they win), or they may be disabled, so their requests are
disregarded and not serviced.
Enabling and disabling interrupt requests may be done via three mechanisms:
Control bits allow to switch each individual source “ON” or “OFF”, so it may generate a
request or not. The control bits (xxIE) are located in the respective interrupt control
registers. All interrupt requests may be enabled or disabled generally via bit IEN in
register PSW. This control bit is the “main switch” that selects, if requests from any
source are accepted or not.
For a specific request to be arbitrated the respective source’s enable bit and the global
enable bit must both be set.
The priority level automatically selects a certain group of interrupt requests that will be
acknowledged, disclosing all other requests. The priority level of the source that won the
arbitration is compared against the CPU’s current level and the source is only serviced,
if its level is higher than the current CPU level. Changing the CPU level to a specific
value via software blocks all requests on the same or a lower level. An interrupt source
that is assigned to level 0 will be disabled and never be serviced.
The ATOMIC and EXTend instructions automatically disable all interrupt requests for
the duration of the following 1 … 4 instructions. This is useful e.g. for semaphore
handling and does not require to re-enable the interrupt system after the unseparable
instruction sequence (see Chapter 22).
Interrupt Class Management
An interrupt class covers a set of interrupt sources with the same importance, i.e. the
same priority from the system’s viewpoint. Interrupts of the same class must not interrupt
each other. The C167CS supports this function with two features:
Classes with up to 4 members can be established by using the same interrupt priority
(ILVL) and assigning a dedicated group level (GLVL) to each member. This functionality
is built-in and handled automatically by the interrupt controller.
Classes with more than 4 members can be established by using a number of adjacent
interrupt priorities (ILVL) and the respective group levels (4 per ILVL). Each interrupt
service routine within this class sets the CPU level to the highest interrupt priority within
the class. All requests from the same or any lower level are blocked now, i.e. no request
of this class will be accepted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com