Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 82 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 82 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 78Page - Infineon Technologies AG C167CS Datasheet HTML 79Page - Infineon Technologies AG C167CS Datasheet HTML 80Page - Infineon Technologies AG C167CS Datasheet HTML 81Page - Infineon Technologies AG C167CS Datasheet HTML 82Page - Infineon Technologies AG C167CS Datasheet HTML 83Page - Infineon Technologies AG C167CS Datasheet HTML 84Page - Infineon Technologies AG C167CS Datasheet HTML 85Page - Infineon Technologies AG C167CS Datasheet HTML 86Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 517 page
background image
C167CS
Derivatives
The Central Processing Unit (CPU)
User’s Manual
4-32
V2.0, 2000-07
The Multiply/Divide Control Register MDC
This bit addressable 16-bit register is implicitly used by the CPU, when it performs a
multiplication or a division. It is used to store the required control information for the
corresponding multiply or divide operation. Register MDC is updated by hardware during
each single cycle of a multiply or divide instruction.
When a division or multiplication was interrupted before its completion and the multiply/
divide unit is required, the MDC register must first be saved along with registers MDH
and MDL (to be able to restart the interrupted operation later), and then it must be
cleared prepare it for the new calculation. After completion of the new division or
multiplication, the state of the interrupted multiply or divide operation must be restored.
The MDRIU flag is the only portion of the MDC register which might be of interest for the
user. The remaining portions of the MDC register are reserved for dedicated use by the
hardware, and should never be modified by the user in another way than described
above. Otherwise, a correct continuation of an interrupted multiply or divide operation
cannot be guaranteed.
A detailed description of how to use the MDC register for programming multiply and
divide algorithms can be found in Chapter 22.
MDC
Multiply/Divide Control Reg.
SFR (FF0EH/87H)
Reset Value: 0000H
15
14
13
12
11
10
9876
543210
--
------
! !
! !
! !
MDR
IU
! !! !! !! !
-
-
-
-
-
-
-
-
r(w)h r(w)h r(w)h r(w)h r(w)h r(w)h r(w)h r(w)h
Bit
Function
MDRIU
Multiply/Divide Register In Use
0:
Cleared, when register MDL is read via software.
1:
Set when register MDL or MDH is written via software, or when
a multiply or divide instruction is executed.
!!
Internal Machine Status
The multiply/divide unit uses these bits to control internal operations.
Never modify these bits without saving and restoring register MDC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com