Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 164 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 160Page - Renesas Technology Corp 6V7 Datasheet HTML 161Page - Renesas Technology Corp 6V7 Datasheet HTML 162Page - Renesas Technology Corp 6V7 Datasheet HTML 163Page - Renesas Technology Corp 6V7 Datasheet HTML 164Page - Renesas Technology Corp 6V7 Datasheet HTML 165Page - Renesas Technology Corp 6V7 Datasheet HTML 166Page - Renesas Technology Corp 6V7 Datasheet HTML 167Page - Renesas Technology Corp 6V7 Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 298 page
background image
Rev.1.00
May 18, 2004
page 164 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
Figure 2.14.3 Termination of data slicer input/output pins when data slicer circuit and timing
generating circuit is in OFF state
<When data slicer circuit and timing signal generating circuit is in OFF state>
2.14.1 Notes when not Using Data Slicer
When bit 0 of data slicer control register 1 (address 026016/030016) is “0,” terminate the pins as shown in
Figure 2.14.3
Notes 1 : Set up the amplitude inputted from CVIN pin to satisfy the following conditions.
(1) Set up as below :
input amplitude + synchronized chip clamp potential < VCCi + 0.3 V.
Vcci shows Vcci power supply pin voltage.
Sink tip clamp pin serves as (43/120) x VCCi .
Example) In the case of VCCi = 3.3V input amplitude = 2.0V
2.0V + 1.18 V = 3.18 V < 3.6 V = 3.3 V + 0.3 V
(2) Each signal level to input amplitude of CVIN pin is shown in Figure 2.14.2.
Notes 2 : External each constant shown in Figure 2.14.1 is an example, and is greatly influenced by video
signal output impedance, substrate capacity, etc. on a system. Evaluate input amplitude and
external each constant perfectly, and determine it.
Figure 2.14.2 Each signal level to input amplitude of CVIN pin
White level
CC data
max
ID1 data
max
Pedestal
synchronized
chip
A : 140 IRE = CVIN input amplitude
B : 50IRE
D : 70IRE
Example) When it inputs by 1.75Vpp(s) from CVIN pin, each level becomes the following.
A = 140 IRE = 1.75 V
B = 50 IRE = 1.75 x (50/140) = 0.625 V
C = 40 IRE = 1.75 x (40/140) = 0.5 V
D = 70 IRE = 1.75 x (70/140) = 0.875 V
C : 40IRE
HLF/HLF2
VHOLD/VHOLD2
CV
VCCI
IN
/CVIN2
Pull-down HLF pin and VHOLD pin to
Vss through a resistor of 5 k
Ω or more.
Pull-up CVIN pin to Vcc through
a resistor of 5 k
Ω or more.
5 k
Ω or more



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com