Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 167 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 167 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 163Page - Renesas Technology Corp 6V7 Datasheet HTML 164Page - Renesas Technology Corp 6V7 Datasheet HTML 165Page - Renesas Technology Corp 6V7 Datasheet HTML 166Page - Renesas Technology Corp 6V7 Datasheet HTML 167Page - Renesas Technology Corp 6V7 Datasheet HTML 168Page - Renesas Technology Corp 6V7 Datasheet HTML 169Page - Renesas Technology Corp 6V7 Datasheet HTML 170Page - Renesas Technology Corp 6V7 Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 298 page
background image
Rev.1.00
May 18, 2004
page 167 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
2.14.5 Timing Signal Generating Circuit
This circuit generates a reference clock which is 832 times as large as the horizontal synchronous signal
frequency. It also generates various timing signals on the basis of the reference clock, horizontal syn-
chronous signal and vertical synchronizing signal. The circuit operates by setting bit 0 of data slicer
control register 1 (address 026016/030016) to “1.”
The reference clock is the HSYNC signal can be used as a count source instead of the composite sync
signal. However, when the HSYNC signal is selected, the data slicer cannot be used. A count source of the
reference clock can be selected by bit 2 of data slicer control register 1 (address 026016/030016).
For the pins HLF, connect a resistor and a capacitor as shown in Figure 2.14.1 Make the length of wiring
which is connected to these pins as short as possible so that a leakage current may not be generated.
Note: It takes a few tens of milliseconds until the reference clock becomes stable after the data slicer and
the timing signal generating circuit are started. In this period, various timing signals, Hsep signals
and Vsep signals become unstable. For this reason, take stabilization time into consideration
when programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com