Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 162Page - Renesas Technology Corp 6V7 Datasheet HTML 163Page - Renesas Technology Corp 6V7 Datasheet HTML 164Page - Renesas Technology Corp 6V7 Datasheet HTML 165Page - Renesas Technology Corp 6V7 Datasheet HTML 166Page - Renesas Technology Corp 6V7 Datasheet HTML 167Page - Renesas Technology Corp 6V7 Datasheet HTML 168Page - Renesas Technology Corp 6V7 Datasheet HTML 169Page - Renesas Technology Corp 6V7 Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 298 page
background image
Rev.1.00
May 18, 2004
page 166 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
2.14.2 Clamping Circuit and Low-pass Filter
The clamp circuit clamps the sync. tip part of the composite video signal input from the CVIN pin. The low-
pass filter attenuates the noise of clamped composite video signal. The CVIN pin to which composite video
signal is input requires a capacitor (0.1
µF) coupling outside. Pull down the CVIN pin with a resistor of
hundreds of kiloohms to 1 M
Ω. In addition, we recommend to install externally a simple low-pass filter
using a resistor and a capacitor at the CVIN pin (refer to Figure 2.14.1 and notes).
2.14.3 Sync Slice Circuit
This circuit takes out a composite sync signal from the output signal of the low-pass filter.
Set bit 6 and 7 to 11b of ID1 reserved register (addresses 037C16 and 031D16) show in Fig 2.14.21.
2.14.4 Synchronous Signal Separation Circuit
This circuit separates a horizontal synchronous signal and a vertical synchronous signal from the compos-
ite sync signal taken out in the sync slice circuit.
(1) Horizontal synchronous signal (Hsep)
A one-shot horizontal synchronizing signal Hsep is generated at the falling edge of the composite sync
signal.
(2) Vertical synchronous signal (Vsep)
As a Vsep signal generating method, it is possible to select one of the following 2 methods by using bit
4 of the data slicer control register 2 (address 026116/030116).
•Method 1 The “L” level width of the composite sync signal is measured. If this width exceeds a
certain time, a Vsep signal is generated in synchronization with the rising of the timing
signal immediately after this “L” level.
•Method 2 The “L” level width of the composite sync signal is measured. If this width exceeds a
certain time, it is detected whether a falling of the composite sync signal exits or not in the
“L” level period of the timing signal immediately after this “L” level. If a falling exists, a Vsep
signal is generated in synchronization with the rising of the timing signal (refer to Figure
2.14.6).
Figure 2.14.6 shows a Vsep generating timing. The timing signal shown in the figure is generated from the
reference clock which the timing generating circuit outputs.
Reading bit 5 of data slicer control register 2 permits determinating the shape of the V-pulse portion of the
composite sync signal. As shown in Figure 2.14.7, when the A level matches the B level, this bit is “0.” In
the case of a mismatch, the bit is “1.”
Figure 2.14.6 Vsep generating timing (method 2)
Composite sync
“L” level width is measured
“L” level period of a timing signal
Timing
signal
A Vsep signal is generated at a rising of the timing signal
immediately after the “L” level width of the composite
sync signal exceeds a certain time.
Vsep signal
Figure 2.14.7 Determination of v-pulse waveform
Composite
sync signal
A
B
0
1
1
Bit 5 of
DSC02/DSC12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com