Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 165 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 165 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 161Page - Renesas Technology Corp 6V7 Datasheet HTML 162Page - Renesas Technology Corp 6V7 Datasheet HTML 163Page - Renesas Technology Corp 6V7 Datasheet HTML 164Page - Renesas Technology Corp 6V7 Datasheet HTML 165Page - Renesas Technology Corp 6V7 Datasheet HTML 166Page - Renesas Technology Corp 6V7 Datasheet HTML 167Page - Renesas Technology Corp 6V7 Datasheet HTML 168Page - Renesas Technology Corp 6V7 Datasheet HTML 169Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 298 page
background image
Rev.1.00
May 18, 2004
page 165 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
Figures 2.14.4 and 2.14.5 the data slicer control registers.
Figure 2.14.4 Data slicer control register 1
Figure 2.14.5 Data slicer control register 2
b7 b6 b5 b4 b3 b2 b1 b0
Data slicer control register 1
00
Reserved bits
00 0
Definition of fields 1 (F1) and 2 (F2)
Hsep
Vsep
F1:
Hsep
Vsep
F2:
R W
Bit name
Must always be set to “0”
Symbol
Address
When reset
DSC01
DSC11
026016
030016
0016
0016
Bit symbol
DSC010/
DSC110
DSC011/
DSC111
DSC012/
DSC112
Reference clock source
selection bit
Data slicer and timing signal
generating circuit control bit
0: F2
1: F1
Selection bit of data slice reference
voltage generating field
0: Stopped (Set at slicer unused)
1: Operating (Set at slicer used)
0: Video signal (Set “0”, normally)
1: HSYNC signal
At two lines: CC21, and CCX or ID1 are sliced
(notes 1 and 2)
1: Select F1, normally
At only ID1 is sliced
0/1: Select either (note 3)
Notes 1. Selected by addresses 026616, 026B16, 030616 and 030B16 register setting.
2. When ID1 slice is set, addresses 026B16 and 030B16 are need to be set.
3. It is required to superimpose F1 and F2 on the same data.
4. CC21: line 21data of CC format.
CCX: the line data which can be selected by addresses 026616 and 030616 of CC format.
ID1: ID1 format data.
525p:When ID1 data slice
X:This bit setting is invalid.
Function
b7 b6 b5 b4 b3 b2 b1 b0
R
W
Data slicer control register 2
00
Caption data latch
completion flag 1
Reserved bit
Read-only
Test bit
0: F2
1: F1
Field determination flag
0: Method (1)
1: Method (2)
Vertical synchronous signal
(Vsep) generating method
selection bit
0: Match
1: Mismatch
V-pulse shape
determination flag
Bit name
Definition of fields 1 (F1) and 2 (F2)
Hsep
Vsep
F1:
Hsep
Vsep
F2:
Bit symbol
DSC020/
DSC120
DSC023/
DSC123
DSC024/
DSC124
DSC025/
DSC125
Symbol
Address
When reset
DSC02
DSC12
026116
?0?0??0?2
030116
?0?0??0?2
Must always be set to “0”
Reserved bit
Must always be set to “0”
Read-only
Test bit
When two lines of CC21 and CCX are sliced,
0: Incompletion of CC21 caption data latch, or no clock run-in.
1: Completion of CC21 caption data latch, and clock run-in.
When only CCX is sliced,
0: Incompletion of CCX caption data latch, or no clock run-in.
1: Completion of CCX caption data latch, and clock run-in.
When only ID1 is sliced,
0: Incompletion of ID1 caption data latch.
1: Completion of ID1 caption data latch.
note: A flag is reset by 0 in falling of vertical synchronized signal.
(*)This flag is invalid at 026B16 and 030B16 at the time of 525p selection.
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com