Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 169 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 169 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 165Page - Renesas Technology Corp 6V7 Datasheet HTML 166Page - Renesas Technology Corp 6V7 Datasheet HTML 167Page - Renesas Technology Corp 6V7 Datasheet HTML 168Page - Renesas Technology Corp 6V7 Datasheet HTML 169Page - Renesas Technology Corp 6V7 Datasheet HTML 170Page - Renesas Technology Corp 6V7 Datasheet HTML 171Page - Renesas Technology Corp 6V7 Datasheet HTML 172Page - Renesas Technology Corp 6V7 Datasheet HTML 173Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 298 page
background image
Rev.1.00
May 18, 2004
page 169 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
Figure 2.14.9 Caption position register
Field and Line to Generate Slice Voltage
• Field specified by bit 1 of DSC01/DSC11
• Line 21 (total 1 line)
• Field specified by bit 1 of DSC01/DSC11
• A line specified by bits 4 to 0 of CPS0/CPS1
(total 1 line) (See note 3)
• Field specified by bit 1 of DSC01/DSC11
• Line 21 (total 1 line)
• Field specified by bit 1 of DSC01/DSC11
• Line 21 and a line specified by bits 4 to 0 of CPS0/
CPS1 (total 2 lines) (See note 2)
Field and Line to Be Sliced Data
• Both fields of F1 and F2
• Line 21 and a line specified by bits 4 to 0 of CPS0/
CPS1 (total 2 lines) (See note 2)
• Both fields of F1 and F2
• A line specified by bits 4 to 0 of CPS0/CPS1
(total 1 line) (See note 3)
• Both fields of F1 and F2
• Line 21 (total 1 line)
• Both fields of F1 and F2
• Line 21 and a line specified by bits 4 to 0 of CPS0/
CPS1 (total 2 lines) (See note 2)
CPS0/CPS1
b7
0
0
1
1
b6
0
1
0
1
Notes 1: DSC01/DSC11 is data slicer control register 1.
CPS0/CPS1 is caption position register.
2: Set the value of “0016” – “1016” to bits 4 to 0 of CPS0/CPS1.
3: Set the value of “0016” – “1F16” to bits 4 to 0 of CPS0/CPS1.
Table 2.14.1 Specification of data slice line
b7 b6 b5 b4 b3 b2 b1 b0
Caption position register
Caption position bits
R
W
Bit symbol
CPS00/CPS10
CPS01/CPS11
CPS02/CPS12
CPS03/CPS13
CPS04/CPS14
CPS05/CPS15
CPS06/CPS16
CPS07/CPS17
Symbol
Address
When reset
CPS0
CPS1
026616
00?000002
030616
00?000002
Refer to table 2.14.1 at slice CC21 or CCX.
Set bits 6 and 7 = 00b or 01b when ID1 slice.
Slice line mode
specification bits
(in 1 field)
Caption data latch
completion flag 2
Set caption position (CCX or ID1).
For CCX, refer to Table 2.14.1.
For ID1 slice, set bits 0 to 4 = 10000b (select 20)
When two lines of CC21 and CCX are sliced,
0: Incompletion of CCX caption data latch, or no clock run-in.
1: Completion of CCX caption data latch, and clock run-in.
When two lines of CC21 and ID1 are sliced,
0: Incompletion of ID1 caption data latch.
1: Completion of ID1 caption data latch.
This bit is invalid when slice only any one line of CC21,
CCX and ID1.
note: A flag is reset by 0 in rising of vertical synchronized signal.
525p:When ID1 data slice, set bit 7 and 6 = 01b.
Function
Bit name
525p:When ID1 data slice,
set up bit 4-0 = 00001b (line 41 selection).
(*) addresses 026A16 and 030A16
bit 6 and 5 = 01b need to be set up.
b7 b6 b5 b4 b3 b2 b1 b0
Slice standard voltage selection register
Slice standard voltage
selection bit
Reserved bits
Symbol
SBV0
SBV1
Address
26716
30716
When reset
0016
0016
Bit name
Function
R W
Bit symbol
SVB00/SVB10
SVB01/SVB11
Must be set to “0.”
b1, b0
0
0
Standard voltage selection by standard voltage
generating circuit.
0
1
Internal absolute standard voltage selection.
1
0
CC21 is the voltage by the standard voltage generating
circuit. CCX or ID1 is internal absolute standard voltage
selection.
1
1
Do not set
0
0
000
0
Figure 2.14.10 Slice standard voltage selection register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com