Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 172 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 172 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 168Page - Renesas Technology Corp 6V7 Datasheet HTML 169Page - Renesas Technology Corp 6V7 Datasheet HTML 170Page - Renesas Technology Corp 6V7 Datasheet HTML 171Page - Renesas Technology Corp 6V7 Datasheet HTML 172Page - Renesas Technology Corp 6V7 Datasheet HTML 173Page - Renesas Technology Corp 6V7 Datasheet HTML 174Page - Renesas Technology Corp 6V7 Datasheet HTML 175Page - Renesas Technology Corp 6V7 Datasheet HTML 176Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 298 page
background image
Rev.1.00
May 18, 2004
page 172 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
Figure 2.14.13 Data clock position register
Data clock position register
Data clock position
set bits
Function
Bit name
R
W
Bit symbol
DPS00/DPS10
DPS01/DPS11
DPS02/DPS12
DPS03/DPS13
DPS04/DPS14
Symbol
Address
When reset
DPS0
DPS1
026A16
X??00001 2
030A16
X??00001 2
If an attempt to write to these bits, write “0.” The read turns out to be “0.”
Nothing is assigned.
Reserved bit
b7 b6 b5 b4 b3 b2 b1 b0
Only when CC21 or CCX slice is effective.
Caption position bit 2
It is effective only at the time of 525p ID1 slice.
b6 b5
0 1
2.14.11 Caption Register and CRCC Data Register
The caption data converted into a digital value by the comparator is stored into the caption register and
CRCC data register in synchronization with the data clock. The contents of the stored caption data can be
obtained by reading out the caption data register and CRCC data register. These registers are reset to “0”
at a falling of Vsep. Read out these registers after the occurrence of a data slicer interrupt (refer to
“2.14.12 Interrupt request generating circuit)”.
b7 b6 b5 b4 b3 b2 b1 b0
Caption register 1L
Symbol
C1L0
C1L1
Address
0262 16
0302 16
When reset
?? 16
?? 16
Bit name
Function
R W
Bit symbol
C1L00/C1L10
Caption data 1L
The following data is stored in 026616, and the 030616
street of bits 7 and 6.
In the case of CC caption
b7, b6
0
0
Data 16-9 of CC21 is stored in bit 7-0.
0
1
Data 16-9 of CCX is stored in bit 7-0.
1
0
Data 16-9 of CC21 is stored in bit 7-0.
1
1
Data 16-9 of CC21 is stored in bit 7-0.
In the case of ID1 caption
b7, b6
0
0
Data 16-9 of CC21 is stored in bit 7-0.
0
1
Data 14-7 of ID1 is stored in bit 7-0(*).
1
0
Data 16-9 of CC21 is stored in bit 7-0.
1
1
Do not set.
C1L01/C1L11
C1L02/C1L12
C1L03/C1L13
C1L04/C1L14
C1L05/C1L15
C1L06/C1L16
C1L07/C1L17
✕
(*)525p:When ID1 data slice, set it as b7 and b6 = 01b.
The caption data stored also becomes the same.
Figure 2.14.14 Caption register 1L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com