Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 174 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 174 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 170Page - Renesas Technology Corp 6V7 Datasheet HTML 171Page - Renesas Technology Corp 6V7 Datasheet HTML 172Page - Renesas Technology Corp 6V7 Datasheet HTML 173Page - Renesas Technology Corp 6V7 Datasheet HTML 174Page - Renesas Technology Corp 6V7 Datasheet HTML 175Page - Renesas Technology Corp 6V7 Datasheet HTML 176Page - Renesas Technology Corp 6V7 Datasheet HTML 177Page - Renesas Technology Corp 6V7 Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 298 page
background image
Rev.1.00
May 18, 2004
page 174 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
2.14.12 Interrupt Request Generating Circuit
The interrupt requests as shown in Table 2.14.2 are generated by combination of the following bits; bits 6
and 7 of the caption position register (addresses 026616/030616). Read out the contents of caption data
registers 1 and 2, CRCC data register, clock run-in detect register and standard clock detect register after
the occurrence of a data slicer interrupt request.
CPS
Occurrence Sources of Interrupt Request at End of Data Slice Line
After slicing line 21
After a line specified by bits 4 to 0 of CPS (Note)
After slicing line 21
After slicing line 21
b7
0
1
b6
0
1
0
1
Table 2.14.2 Occurrence sources of Interrupt request
CPS: Caption position register
Figure 2.14.19 Data slicer reserved register i (i = 1, 2)
Data slicer reserved register 1
Symbol
Address
When reset
DR01
026816
0016
DR11
030816
0016
b7
b6
b5
b4
b3
b2
b1
b0
Reserved bits
Bit symbol
Bit name
Description
RW
Must always be set to “0”
00
0
0
0
00
0
Figure 2.14.18 CRCC data register
b7 b6 b5 b4 b3 b2 b1 b0
CRCC data register
Symbol
CRC0
CRC1
Address
026D16
030D16
When reset
00?????? 2
00?????? 2
Bit name
Function
R W
Bit symbol
CRC00/CRC10 CRCC data register
Data 20-15 of ID1 is stored in bit 5-0.
It is effective, only when "1" is set as the bit 0 of addresses
026B16 and 030B16, and ID1 slice function is operating.
CRC01/CRC11
CRC02/CRC12
CRC03/CRC13
CRC04/CRC14
CRC05/CRC15
✕
Nothing is assigned.
If an attempt to write to these bits, write “0.” The read turns out to be “0.”
Note: It becomes the one-line back specified in 525p caption position register bits 4 to 0 and the data clock
position register bits 6 and 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com