Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 173 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 173 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 169Page - Renesas Technology Corp 6V7 Datasheet HTML 170Page - Renesas Technology Corp 6V7 Datasheet HTML 171Page - Renesas Technology Corp 6V7 Datasheet HTML 172Page - Renesas Technology Corp 6V7 Datasheet HTML 173Page - Renesas Technology Corp 6V7 Datasheet HTML 174Page - Renesas Technology Corp 6V7 Datasheet HTML 175Page - Renesas Technology Corp 6V7 Datasheet HTML 176Page - Renesas Technology Corp 6V7 Datasheet HTML 177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 298 page
background image
Rev.1.00
May 18, 2004
page 173 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
b7 b6 b5 b4 b3 b2 b1 b0
Caption register 1H
Symbol
C1H0
C1H1
Address
0263 16
0303 16
When reset
?? 16
?? 16
Bit name
Function
R W
Bit symbol
C1H00/C1H10
Caption data 1H
The following data is stored in 026616, and the 030616
street of bits 7 and 6.
In the case of CC caption
b7, b6
0
0
Data 8-1 of CC21 is stored in bit 7-0.
0
1
Data 8-1 of CCX is stored in bit 7-0.
1
0
Data 8-1 of CC21 is stored in bit 7-0.
1
1
Data 8-1 of CC21 is stored in bit 7-0.
In the case of ID1 caption
b7, b6
0
0
Data 8-1 of CC21 is stored in bit 7-0.
0
1
Data 6-1 of ID1 is stored in bit 7-2 (note).
1
0
Data 8-1 of CC21 is stored in bit 7-0.
1
1
Do not set.
Note: The reading value of bits 1 and 0 is unfixed.
C1H01/C1H11
C1H02/C1H12
C1H03/C1H13
C1H04/C1H14
C1H05/C1H15
C1H06/C1H16
C1H07/C1H17
✕
525p:When ID1 data slice, set it as b7 and b6 = 01b.
The caption data stored also becomes the same.
Figure 2.14.15 Caption register 1H
b7 b6 b5 b4 b3 b2 b1 b0
Caption register 2L
Symbol
C2L0
C2L1
Address
0264 16
0304 16
When reset
?? 16
?? 16
Bit name
Function
R W
Bit symbol
C2L00/C2L10
Caption data 2L
The following data is stored in 026616, and the 030616
street of bits 7 and 6.
In the case of CC caption
b7, b6
0
0
Data 16-9 of CCX is stored in bit 7-0.
0
1
Data is invalid.
1
0
Data is invalid.
1
1
Data 16-9 of CCX is stored in bit 7-0.
In the case of ID1 caption
b7, b6
0
0
Data 14-7 of ID1 is stored in bit 7-0.
0
1
Data is invalid.
1
0
Data is invalid.
1
1
Do not set.
C2L01/C2L11
C2L02/C2L12
C2L03/C2L13
C2L04/C2L14
C2L05/C2L15
C2L06/C2L16
C2L07/C2L17
✕
Figure 2.14.16 Caption register 2L
b7 b6 b5 b4 b3 b2 b1 b0
Caption register 2H
Symbol
C2H0
C2H1
Address
0265 16
0305 16
When reset
?? 16
?? 16
Bit name
Function
R W
Bit symbol
C2H00/C2H10
Caption data 1H
The following data is stored in 026616, and the 030616
street of bits 7 and 6.
In the case of CC caption
b7, b6
0
0
Data 8-1 of CCX is stored in bit 7-0.
0
1
Data is invalid.
1
0
Data is invalid.
1
1
Data 8-1 of CCX is stored in bit 7-0.
In the case of ID1 caption
b7, b6
0
0
Data 6-1 of ID1 is stored in bit 7-2 (note).
0
1
Data is invalid.
1
0
Data is invalid.
1
1
Do not set.
Note : The reading value of bits 1 and 0 is unfixed.
C2H01/C2H11
C2H02/C2H12
C2H03/C2H13
C2H04/C2H14
C2H05/C2H15
C2H06/C2H16
C2H07/C2H17
✕
Figure 2.14.17 Caption register 2H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com