Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 170 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 166Page - Renesas Technology Corp 6V7 Datasheet HTML 167Page - Renesas Technology Corp 6V7 Datasheet HTML 168Page - Renesas Technology Corp 6V7 Datasheet HTML 169Page - Renesas Technology Corp 6V7 Datasheet HTML 170Page - Renesas Technology Corp 6V7 Datasheet HTML 171Page - Renesas Technology Corp 6V7 Datasheet HTML 172Page - Renesas Technology Corp 6V7 Datasheet HTML 173Page - Renesas Technology Corp 6V7 Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 298 page
background image
Rev.1.00
May 18, 2004
page 170 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
2.14.7 Reference Voltage Generating Circuit and Comparator
The composite video signal clamped by the clamping circuit is input to the reference voltage generating
circuit and the comparator 1 and 2.
(1) Reference voltage generating circuit
This circuit generates a reference voltage (slice voltage) by using the amplitude of the clock run-in
pulse in line specified by the data slice line specification circuit. Connect a capacitor between the
VHOLD pin and the VSS pin, and make the length of wiring as short as possible so that a leakage
current may not be generated.
Note: It takes a few tens of lines to generate slice voltage until the slice voltage becomes stable after
the data slicer is started. In this period, the slice data becomes unstable. For this reason, take
stabilization time into consideration when programming.
(2) Comparator 1
The comparator 1 compares the voltage of the composite video signal with the voltage (reference
voltage) generated in the reference voltage generating circuit, and converts the composite video sig-
nal into a digital value.
(3) Comparator 2
The comparator 2 compares the absolute standard voltage generated inside from the voltage and
power supply voltage of a composite video signal, and converts the composite video signal into a
digital value.
2.14.8 CC Start Bit • ID1 Reference Detecting Circuit
This circuit detects a CC start bit • ID1 reference bit at line decided in the data slice line specification
circuit.
In the case of CC start bit
1) Detect a clock run impulse at counting the input pulse of a data slice line.
2) When a clock run impulse is detected, the sampling clock outputted from a timing generating circuit
detects a start bit pattern, and judge CC start bit.
In the case of ID1 reference bit
1) Detect ID1 reference bit all over the window generated after fixed time from Hsep in a timing signal
generating circuit.
2.14.9 Clock Run-in Determination Circuit
Clock run in judging
By counting the number of pulses all over the specific window of a data slice line, it judges that it is clock
run in. When it judges with having no clock run in, the completion flag of a caption data latch is not set to
1. Moreover, the number of standard clocks counted in clock run impulse 1 cycle is stored in the bits 7-3
of a clock run in detection register (addresses 026916/030916).
ID1 reference bit judging
The number of standard clocks counted during fixed of ID1 reference bit is stored in the bits 5-0 of a
standard clock detection register (addresses 026C16/the 030C16). Read these bits after generating of
data slicer interruption ("(12) interruption demand generating circuit").
Clock run-in detection register is shown in Fig. 2.14.11, standard clock detection register is shown in Fig.
2.14.12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com