Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 175 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 175 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 171Page - Renesas Technology Corp 6V7 Datasheet HTML 172Page - Renesas Technology Corp 6V7 Datasheet HTML 173Page - Renesas Technology Corp 6V7 Datasheet HTML 174Page - Renesas Technology Corp 6V7 Datasheet HTML 175Page - Renesas Technology Corp 6V7 Datasheet HTML 176Page - Renesas Technology Corp 6V7 Datasheet HTML 177Page - Renesas Technology Corp 6V7 Datasheet HTML 178Page - Renesas Technology Corp 6V7 Datasheet HTML 179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 298 page
background image
Rev.1.00
May 18, 2004
page 175 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
2.14.13 ID1 data slice
When data slice ID1, ID1 control register of Fig 2.14.20 needs to be set.
Figure 2.14.20 ID1 control register
Figure 2.14.21 ID1 reserved register
b7 b6 b5 b4 b3 b2 b1 b0
ID1 control register
Symbol
IDC0
IDC1
Address
026B16
030B16
When reset
0016
0016
Bit name
Function
R W
Bit symbol
IDC00/IDC10
ID1 slice control bit
ID1 limitation slice select bit
Internal absolute standard
voltage setting bit
b4 b3 b2
1
0
0
0: ID1 slice unused
1: ID1 slice operate
* Must always be set to "0" at ID1 slice unused.
When set to "1", be sure to set bits 4 to 0 = 10000b of
addresses 026616/030616.
0: Set this bit when slice simultaneously with CC21.
1: Set this bit when slice only ID1.
IDC01/IDC11
IDC02/IDC12
IDC03/IDC13
IDC04/IDC14
0 100
0
Must always be set to "0."
Reserved bit
IDC0b/IDC1b
525i/p Selection bit
Must always be set to "0."
Reserved bit
525p:When ID1 data slice,
Set up bit 4-0 = 00001b at addresses 026616/030616.
Set bit 6 and 5 = 01b of addresses 026A16/030A16.
0:525i set up at CC21, CCX, and ID1 slice
0:525p set up at ID1 slice
Figure 2.14.22 ID1 signal in vertial blanking interval
b7 b6 b5 b4 b3 b2 b1 b0
ID1 reserved register
Symbol
IRSV0
IRSV1
031C16
When reset
Address
031D16
0016
0016
Bit name
Function
R W
Bit symbol
Sync slice setting bit
IRSV06/IRSV16
IRSV07/IRSV17
1
1
Must always be set to "1."
–
The contents are unfixed when it reads.
The register only for read-out
Composite
video signal
ID1 reference
detection timing signal
Hsep
ID1 reference bit
* ID1 to ID20 shows ID1 data
Line 20 at 525i
I
D
1
I
D
2
I
D
3
I
D
19
I
D
20
Line 40 at 525p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com