Electronic Components Datasheet Search
  English  ▼

X  

M37274EFSP Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 34Page - Renesas Technology Corp M37274EFSP Datasheet HTML 35Page - Renesas Technology Corp M37274EFSP Datasheet HTML 36Page - Renesas Technology Corp M37274EFSP Datasheet HTML 37Page - Renesas Technology Corp M37274EFSP Datasheet HTML 38Page - Renesas Technology Corp M37274EFSP Datasheet HTML 39Page - Renesas Technology Corp M37274EFSP Datasheet HTML 40Page - Renesas Technology Corp M37274EFSP Datasheet HTML 41Page - Renesas Technology Corp M37274EFSP Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 148 page
background image
37
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
DATA SLICER
The M37274EFSP includes the data slicer function for the closed
caption decoder (referred to as the CCD). This function takes out the
caption data superimposed in the vertical blanking interval of a
composite video signal. A composite video signal which makes the
sync chip’s polarity negative is input to the CVIN pin.
When the data slicer function is not used, the data slicer circuit can
be cut off by setting bit 0 of data slicer control register 1 (address
00EA16) to “0.” Also, the timing signal generating circuit can be cut
off by setting bit 0 of data slicer control register 2 (address 00EB16)
to “0.” These settings can realize the low-power dissipation.
Fig. 31. Data Slicer Block Diagram
10 0
0 000 1 0 1
Composite
video
signal
Hundred of kiloohms
to 1 M
Ω
Sync pulse counter
register
(address 020F16)
Clock run-in register 2
(address 00E716)
Data slicer control register 2
(address 00EB16)
Data slicer control register 1
(address 00EA16)
Window register
(address 00E216)
Clock run-in register 1
(address 00E616)
Caption position register
(address 00E016)
Start bit position register
(address 00E116)
Clock run-in detect register 1
(address 00E816)
Clock run-in detect register 2
(address 00E916)
Interrupt request
generating circuit
Data slicer
interrupt
request
Synchronizing
signal counter
Synchronizing
separation
circuit
Sync slice
circuit
Clamping
circuit
Low-pass
filter
Timing signal
generating
circuit
Clock run-in
determination
circuit
Data slice line
specification
circuit
Start bit detecting
circuit
Data clock
generating circuit
16-bit shift register
Data register 1
(address 00E416)
Data register 2
(address 00E516)
Sync slice register 3
(address
00E316)
Data bus
Comparator
0
1
0 111
00 0
00 0
00
01 01
0.1
µF
470
Ω
560 pF
CVIN
1
µF
1 k
Ω
200 pF
15 k
Ω
HSYNC
HLF
RVCO
+
–
Reference
voltage
generating
circuit
VHOLD
1000 pF
high-order
low-order
Data slicer ON/OFF
Data register 4
(address 00ED16)
Data register 3
(address 00EC16)
Data slicer control
register 3
(address 021016)
Clock run-in detect
register 3
(address 020816)
Clock run-in
register 3
(address 020916)
External circuit
Note: Make the length of wiring which is
connected to VHOLD, HLF, RVCO
and CVIN pin as short as possible
so that a leakage current may
not be generated when mounting
a resistor or a capacitor on each
pin.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com