Electronic Components Datasheet Search
  English  ▼

X  

M37274EFSP Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 53Page - Renesas Technology Corp M37274EFSP Datasheet HTML 54Page - Renesas Technology Corp M37274EFSP Datasheet HTML 55Page - Renesas Technology Corp M37274EFSP Datasheet HTML 56Page - Renesas Technology Corp M37274EFSP Datasheet HTML 57Page - Renesas Technology Corp M37274EFSP Datasheet HTML 58Page - Renesas Technology Corp M37274EFSP Datasheet HTML 59Page - Renesas Technology Corp M37274EFSP Datasheet HTML 60Page - Renesas Technology Corp M37274EFSP Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 148 page
background image
56
MITSUBISHI MICROCOMPUTERS
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
(4) I2C Control Register
The I2C control register (address 00F916) controls the data commu-
nication format.
s Bits 0 to 2: Bit Counter (BC0–BC2)
These bits decide the number of bits for the next 1-byte data to be
transmitted. An interrupt request signal occurs immediately after the
number of bits specified with these bits are transmitted.
When a START condition is received, these bits become “0002” and
the address data is always transmitted and received in 8 bits.
s Bit 3: I2C Interface Use Enable Bit (ESO)
This bit enables usage of the multimaster I2C BUS interface. When
this bit is set to “0,” the use disable status is provided, so the SDA
and the SCL become high-impedance. When the bit is set to “1,” use
of the interface is enabled.
When ESO = “0,” the following is performed.
• PIN = “1,” BB = “0” and AL = “0” are set (they are bits of the I2C
status register at address 00F816 ).
• Writing data to the I2C data shift register (address 00F616) is dis-
abled.
s Bit 4: Data Format Selection Bit (ALS)
This bit decides whether or not to recognize slave addresses. When
this bit is set to “0,” the addressing format is selected, so that ad-
dress data is recognized. When a match is found between a slave
address and address data as a result of comparison or when a gen-
eral call (refer to “(5) I2C Status Register,” bit 1) is received, trans-
mission processing can be performed. When this bit is set to “1,” the
free data format is selected, so that slave addresses are not recog-
nized.
s Bit 5: Addressing Format Selection Bit (10BIT SAD)
This bit selects a slave address specification format. When this bit is
set to “0,” the 7-bit addressing format is selected. In this case, only
the high-order 7 bits (slave address) of the I2C address register (ad-
dress 00F716) are compared with address data. When this bit is set
to “1,” the 10-bit addressing format is selected, all the bits of the I2C
address register are compared with address data.
s Bits 6 and 7: Connection Control Bits between I2C-BUS Interface
and Ports (BSEL0, BSEL1)
These bits controls the connection between SCL and ports or SDA
and ports (refer to Figure 55).
Fig. 54. Connection Port Control by BSEL0 and BSEL1
“0”
“1” BSEL0
SCL1/P11
SCL2/P12
“0”
“1” BSEL1
“0”
“1” BSEL0
SDA1/P13
SDA2/P14
“0”
“1” BSEL1
Multi-master
I2C-BUS
interface
SCL
SDA
Note: When using multi-master I2C-BUS interface, set bits 3 and
4 of the serial I/O mode register (address 021316) to “1.”
Moreover, set the corresponding direction register to “1” to
use the port as multi-master I2C-BUS interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com