Electronic Components Datasheet Search
  English  ▼

X  

M37274EFSP Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 42Page - Renesas Technology Corp M37274EFSP Datasheet HTML 43Page - Renesas Technology Corp M37274EFSP Datasheet HTML 44Page - Renesas Technology Corp M37274EFSP Datasheet HTML 45Page - Renesas Technology Corp M37274EFSP Datasheet HTML 46Page - Renesas Technology Corp M37274EFSP Datasheet HTML 47Page - Renesas Technology Corp M37274EFSP Datasheet HTML 48Page - Renesas Technology Corp M37274EFSP Datasheet HTML 49Page - Renesas Technology Corp M37274EFSP Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 148 page
background image
45
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
4 ! set value of the start bit position
register ! reference clock period
<
<
Time from the falling of the horizontal
synchronizing signal to the last rising
of the clock run-in
Fig. 40. Start Bit Position Register
Time from the faling of the horizontal
synchronous signal to occurrence of
the start bit
(7) Start Bit Detecting Circuit
This circuit detects a start bit at line decided in the data slice line
specification circuit. For start bit detection, it is possible to select one
of the following two types by using bit 1 of clock run-in register 2
(address 00E716).
After the lapse of the time corresponding to the set value of the
start bit position register (address 00E116), the first rising of the
composite video signal is detected as a start bit.
The time is set in bits 0 to 6 of the start bit position register (address
00E116) (refer to Figure 40). Set a value fit for the following
conditions.
Figure 40 shows the structure of the start bit position register.
b7 b6 b5 b4 b3 b2 b1 b0
Start bit position register (SP) [Address 00E116]
Start Bit Position Register
0
to
6
0R W
0R W
Start bit generating time
(SP0 to SP6)
7
DSC1 bit 7 control bit
(SP7)
B
After reset
Functions
Name
RW
0 : Generation of 16 pulses
1 : Generation of 16 pulses and
detection of clock run-in
pulse (4 to 6 pulses)
Time from a falling of the horizontal
synchronous signal to occurrence
of a start bit =
4 ! set value (“0016” to “7F16”) !
reference clock period
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com