Electronic Components Datasheet Search
  English  ▼

X  

M37274EFSP Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 29Page - Renesas Technology Corp M37274EFSP Datasheet HTML 30Page - Renesas Technology Corp M37274EFSP Datasheet HTML 31Page - Renesas Technology Corp M37274EFSP Datasheet HTML 32Page - Renesas Technology Corp M37274EFSP Datasheet HTML 33Page - Renesas Technology Corp M37274EFSP Datasheet HTML 34Page - Renesas Technology Corp M37274EFSP Datasheet HTML 35Page - Renesas Technology Corp M37274EFSP Datasheet HTML 36Page - Renesas Technology Corp M37274EFSP Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 148 page
background image
32
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
Fig. 25. PWM Mode Register 1
Fig. 26. PWM Mode Register 2
b7 b6 b5 b4 b3 b2 b1 b0
PWM mode register 1 (PN) [Address 020A16]
B
After reset
RW
PWM Mode Register 1
0
4
to
7
1
0
Name
Functions
DA/P03 output
selection bit (PN1)
Indeterminate
0
Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are “0.”
0 : P03 output
1 : DA output
RW
R —
RW
PWM counts source
selection bit (PN0)
0 : Count source supply
1 : Count source stop
2
DA output polarity
selection bit (PN2)
0
0 : Positive polarity
1 : Negative polarity
RW
3
PWM output polarity
selection bit (PN3)
0
0 : Positive polarity
1 : Negative polarity
RW
b7 b6 b5 b4 b3 b2 b1 b0
PWM mode register 2 (PW) [Address 020B16]
B
After reset RW
PWM Mode Register 2
0
1
2
3
4
0
Name
Functions
P04/PWM0 output
selection bit (PW0)
0 : P04 output
1 : PWM0 output
P06/PWM2 output
selection bit (PW2)
0 : P06 output
1 : PWM2 output
P07/PWM3 output
selection bit (PW3)
0 : P07 output
1 : PWM3 output
P00/PWM4 output
selection bit (PW4)
0 : P00 output
1 : PWM4 output
5
P01/PWM5 output
selection bit (PW5)
0: P01 output
1: PWM5 output
7
Fix this bit to “0.”
P05/PWM1 output
selection bit (PW1)
0 : P05 output
1 : PWM1 output
0
0
0
0
0
0
RW
RW
RW
RW
RW
RW
RW
0
6
P02/PWM6 output
selection bit (PW6)
0: P02 output
1: PWM6 output
0R W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com