Electronic Components Datasheet Search
  English  ▼

X  

M37274EFSP Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 82Page - Renesas Technology Corp M37274EFSP Datasheet HTML 83Page - Renesas Technology Corp M37274EFSP Datasheet HTML 84Page - Renesas Technology Corp M37274EFSP Datasheet HTML 85Page - Renesas Technology Corp M37274EFSP Datasheet HTML 86Page - Renesas Technology Corp M37274EFSP Datasheet HTML 87Page - Renesas Technology Corp M37274EFSP Datasheet HTML 88Page - Renesas Technology Corp M37274EFSP Datasheet HTML 89Page - Renesas Technology Corp M37274EFSP Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 148 page
background image
85
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
B
0
0
0
0
0
1
1
1
G
0
0
1
1
1
1
1
1
R
0
1
0
1
1
1
0
1
Table 15. Correspondence Table of Color Code 1 and Color
Signal Output in EXOSD Mode
Table 16. Correspondence Table of Color Code 2 and Color
Signal Output in EXOSD Mode
(7) Character color
The color for each character is displayed by the color code 1. The
kinds and specification method of character color are different de-
pending on each mode.
• CC mode .................. 7 kinds
Specified by bits 1 (R), 2 (G), and 3 (B) of
color code 1
• OSD mode ............... 7 kinds
Specified by bits 1 (R), 2 (G) and 3 (B)of color
code 1
• EXOSD mode .......... 5 kinds
Specified by bits 1 (CC0), 2 (CC1), and
3 (CC2) of color code 1
The correspondence Table of color code 1 and color signal output in
the EXOSD mode is shown in Table 15.
(8) Character background color
The character background color can be displayed in the character
display area. The character background color for each character is
specified by color code 2. The kinds and specification method of char-
acter background color are different depending on each mode.
• CC mode .................. 7 kinds
Specified by bits 0 (R), 1 (G), and 2 (B) of
color code 2
• OSD mode ............... 7 kinds
Specified by bits 0 (R), 1 (G), and 2 (B) of
color code 2
• EXOSD mode .......... 5 kinds
Specified by bits 0 (BCC0), 1 (BCC1), and
2 (BCC2) of color code 2
The correspondence table of the color code 2 and color signal output
in the EXOSD mode is shown in Table 16.
Note : The character background color is displayed in the following
part :
(character display area)–(character font)–(border)–(extra font).
Accordingly, the character background color does not mix with
these color signal.
Bit 3
CC2
0
0
0
0
1
1
1
1
Bit 2
CC1
0
0
1
1
0
0
1
1
Bit 1
CC0
0
1
0
1
0
1
0
1
R
0
1
0
1
1
1
0
1
G
0
0
1
1
1
1
1
1
Color Code 1
Bit 2
BCC2
0
0
0
0
1
1
1
1
Bit 1
BCC1
0
0
1
1
0
0
1
1
Bit 0
BCC0
0
1
0
1
0
1
0
1
Color Code 2
Color Signal Output
Color Signal Output
B
0
0
0
0
0
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com