Electronic Components Datasheet Search
  English  ▼

X  

M37274EFSP Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 68Page - Renesas Technology Corp M37274EFSP Datasheet HTML 69Page - Renesas Technology Corp M37274EFSP Datasheet HTML 70Page - Renesas Technology Corp M37274EFSP Datasheet HTML 71Page - Renesas Technology Corp M37274EFSP Datasheet HTML 72Page - Renesas Technology Corp M37274EFSP Datasheet HTML 73Page - Renesas Technology Corp M37274EFSP Datasheet HTML 74Page - Renesas Technology Corp M37274EFSP Datasheet HTML 75Page - Renesas Technology Corp M37274EFSP Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 148 page
background image
71
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
Fig. 70. Vertical Position Register 1
The vertical position for each block can be set in 1024 steps (where
each step is 1TH (TH: HSYNC cycle)) as values “0016” to “FF16” in
vertical position register 1i (i = 1 to 12) (addresses 022016 to 022B16)
and values “0016” to “0316” in vertical position register 2i (i = 1 to 12)
(addresses 023016 to 023B16). The structure of the vertical position
registers is shown in Figure 70 and 71.
Fig. 71. Vertical Position Register 2
b7 b6 b5 b4 b3 b2 b1 b0
Vertical position register 1i (VP1i) (i = 1 to 16) [Addresses 022016 to 022F16]
B
Name
Functions
After reset
R W
Vertical Position Register 1i
0
to
7
Control bits of vertical
display start positions
(VP1i0 to VP1i7)
(See note 1)
Vertical display start positions
(low-order 8 bits)
TH !
(setting value of low-order 2 bits of VP2i ! 162
+ setting value of low-order 4 bits of VP1i ! 161
+ setting value of low-order 4 bits of VP1i ! 160)
Indeterminate RW
Notes 1: Set values except “00 16” “0116” to VP1i when VP2i is “00 16.”
2: TH is cycle of HSYNC.
b7 b6 b5 b4 b3 b2 b1 b0
Vertical position register 2i (VP2i) (i = 1 to 16) [Addresses 023016 to 023F16]
B
Name
Functions
After reset
R W
Vertical Position Register 2i
0, 1 Control bits of vertical
display start positions
(VP1i0, VP1i1)
(See note 1)
Vertical display start positions
(high-order 2 bits)
TH !
(setting value of low-order 2 bits of VP2i ! 162
+ setting value of low-order 4 bits of VP1i ! 161
+ setting value of low-order 4 bits of VP1i ! 160)
Indeterminate RW
Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are indeterminate.
2
to
7
Indeterminate R—
Notes 1: Set values except “00 16” “0116” to VP1i when VP2i is “00 16.”
2: TH is cycle of HSYNC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com