Electronic Components Datasheet Search
  English  ▼

X  

M37274EFSP Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 71Page - Renesas Technology Corp M37274EFSP Datasheet HTML 72Page - Renesas Technology Corp M37274EFSP Datasheet HTML 73Page - Renesas Technology Corp M37274EFSP Datasheet HTML 74Page - Renesas Technology Corp M37274EFSP Datasheet HTML 75Page - Renesas Technology Corp M37274EFSP Datasheet HTML 76Page - Renesas Technology Corp M37274EFSP Datasheet HTML 77Page - Renesas Technology Corp M37274EFSP Datasheet HTML 78Page - Renesas Technology Corp M37274EFSP Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 148 page
background image
74
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
(3) Dot Size
The dot size can be selected by a block unit. The dot size in vertical
direction is determined by dividing HSYNC in the vertical dot size con-
trol circuit. The dot size in horizontal is determined by dividing the
following clock in the horizontal dot size control circuit : the clock
gained by dividing the OSD clock source (data slicer clock, OSC1,
main clock) in the pre-divide circuit. The clock cycle divided in the
pre-divide circuit is defined as 1TC.
The dot size of the layer 1 is specified by bits 6 to 3 of the block
control register.
The dot size of the layer 2 is specified by the following bits : bits 3
and 4 of the block control register, bit 6 of the clock source control
register. Refer to Figure 65 (the structure of the block control regis-
ter), refer to Figure 76 (the structure of the clock source control reg-
ister).
The block diagram of dot size control circuit is shown in Figure 75.
Notes 1 : The pre-divide ratio = 3 cannot be used in the CC mode.
2 : The pre-divide ratio of the OSD mode block on the layer 2
must be same as that of the CC mode block on the layer 1
by bit 6 of the clock source control register.
3 : In the bi-scan mode, the dot size in the vertical direction is
2 times as compared with the normal mode. Refer to “(13)
Scan Mode” about the scan mode.
Fig. 74. Block Diagram of Dot Size Control Circuit
Fig. 75. Definition of Dot Sizes
In normal scan mode
HSYNC
Main clock
Synchronous
Cycle ! 2
circuit
Cycle ! 3
Pre-divide circuit
Clock cycle
= 1TC
Horizontal dot size
control circuit
Vertical dot size
control circuit
OSD control circuit
Data slicer
clock
(Note)
OSC1
Note: To use data slicer clock, set bit 0 of data slicer control register to “0.”
1 dot
Scanning line of F1(F2)
Scanning line of F2(F1)
1/2H
1H
2H
3H
3TC
2TC
1TC
1TC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com