Electronic Components Datasheet Search
  English  ▼

X  

M37274EFSP Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 90Page - Renesas Technology Corp M37274EFSP Datasheet HTML 91Page - Renesas Technology Corp M37274EFSP Datasheet HTML 92Page - Renesas Technology Corp M37274EFSP Datasheet HTML 93Page - Renesas Technology Corp M37274EFSP Datasheet HTML 94Page - Renesas Technology Corp M37274EFSP Datasheet HTML 95Page - Renesas Technology Corp M37274EFSP Datasheet HTML 96Page - Renesas Technology Corp M37274EFSP Datasheet HTML 97Page - Renesas Technology Corp M37274EFSP Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 148 page
background image
93
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
(11) Multiline Display
The M37274EFSP can ordinarily display 16 lines on the CRT screen
by displaying 16 blocks at different vertical positions. In addition, it
can display up to 16 lines by using OSD interrupts.
An OSD interrupt request occurs at the point at which display of each
block has been completed. In other words, when a scanning line
reaches the point of the display position (specified by the vertical
position registers) of a certain block, the character display of that
block starts, and an interrupt occurs at the point at which the scan-
ning line exceeds the block. The mode in which an OSD interrupt
occurs is different depending on the setting of the raster color regis-
ter (refer to Figure 99).
· When bit 7 of the raster color register is “0”
An OSD interrupt occurs at the end of block display in the OSD
and the EXOSD mode.
· When bit 7 of the raster color register is “1”
An OSD interrupt occurs at the end of block display in the CC mode.
Notes 1: An OSD interrupt does not occur at the end of display when
the block is not displayed. In other words, if a block is set to
off display by the display control bit of the block control reg-
ister (addresses 00D016 to 00DB16), an OSD interrupt re-
quest does not occur (refer to Figure 93 (A)).
2: When another block display appeares while one block is
displayed, an OSD interrupt request occurs only once at
the end of the another block display (refer to Figure 93 (B)).
3: On the screen setting window, an OSD interrupt occurs
even at the end of the CC mode block (off display) out of
window (refer to Figure 93 (C)).
Fig. 93. Note on Occurence of OSD Interrupt
(B)
(C)
Block 1 (on display)
Block 2 (on display)
Block 3 (on display)
Block 4 (on display)
Block 1 (on display)
Block 2 (on display)
Block 3 (off display)
Block 4 (off display)
“OSD interrupt request”
“OSD interrupt request”
“OSD interrupt request”
“OSD interrupt request”
“OSD interrupt request”
“OSD interrupt request”
No
“OSD interrupt request”
Block 1
Block 2
“OSD interrupt request”
“OSD interrupt request”
“OSD interrupt request”
“OSD interrupt request”
Block 1
Block 2
Block 3
On display (OSD interrupt request occurs
at the end of block display)
Off display (OSD interrupt request does
not occur at the end of block display)
In CC mode
Window
No
“OSD interrupt request”
No
“OSD interrupt request”
(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com