Electronic Components Datasheet Search
  English  ▼

X  

M37274EFSP Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 61Page - Renesas Technology Corp M37274EFSP Datasheet HTML 62Page - Renesas Technology Corp M37274EFSP Datasheet HTML 63Page - Renesas Technology Corp M37274EFSP Datasheet HTML 64Page - Renesas Technology Corp M37274EFSP Datasheet HTML 65Page - Renesas Technology Corp M37274EFSP Datasheet HTML 66Page - Renesas Technology Corp M37274EFSP Datasheet HTML 67Page - Renesas Technology Corp M37274EFSP Datasheet HTML 68Page - Renesas Technology Corp M37274EFSP Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 148 page
background image
64
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
OSD Mode
(On-screen display mode)
16 ! 20 dots
14 kinds
! 1, ! 2, ! 3
1TC ! 1/2H, 1TC ! 1H, 1.5TC ! 1/2H,
1.5TC ! 1H, 2TC ! 2H, 3TC ! 3H
Border
1 screen : 7 kinds, Max. 7 kinds (a
character unit)
Possible (a screen unit, 1 screen :
7 kinds, max. 7 kinds)
Possible (a character unit, 1 screen
: 7 kinds, max. 7 kinds)
Possible (a screen unit, 1 screen :
7 kinds, max. 7 kinds)
R, G, B, OUT1, OUT2
Dual layer OSD function (layer 2)
Possible
OSD FUNCTIONS
Table 10 outlines the OSD functions of the M37274EFSP.
The M37274EFSP incorporates an OSD circuit of 40 characters !
16 lines. OSD is controlled by the OSD control register. There are 3
display modes and they are selected by a block unit. The display
modes are selected by block control register i (i = 1 to 16).
The features of each mode are described below.
EXOSD Mode
(Extra on-screen display mode)
16 ! 26 dots
6 kinds
! 1, ! 2, ! 3
1TC ! 1/2H, 1TC ! 1H
Border, extra font (16 kinds)
1 screen : 5 kinds, Max. 5 kinds
(a character unit)
Possible (a screen unit, 1 screen :
7 kinds, max. 7 kinds)
Possible (a character unit, 1 screen :
7 kinds, max. 5 kinds)
Possible (a screen unit, 1 screen :
7 kinds, max. 7 kinds)
Possible (a screen unit, 1 screen :
7 kinds, max. 7 kinds)
R, G, B, OUT1, OUT2
Possible
CC Mode
(Closed caption mode)
16 ! 26 dots
(character dot structure : 20 ! 16 dots)
2 kinds
! 1, ! 2
1TC ! 1/2H
Smooth italic, under line, flash
1 screen : 7 kinds, Max. 7 kinds
(a character unit)
Possible (a screen unit, 1 screen : 7
kinds, max. 7 kinds)
Possible (a character unit, 1 screen
: 7 kinds, max. 7 kinds)
R, G, B, OUT1, OUT2
Auto solid space function
Window function
Dual layer OSD function (layer 1)
Possible
Parameter
Number of display
characters
Character display area
Kinds of characters
Kinds of character sizes
Attribute
Character font coloring
Raster coloring
Character background
coloring
Border coloring
Extra font coloring
OSD output
Function
Display expansion
(multiline display)
Pre-divide
ratio (Note)
Dot size
Table 10. Features of Each Display Mode
Display Mode
256 kinds (In EXOSD mode, they can be combined with 16 kinds of extra fonts)
Notes 1: The divide ratio of the frequency divider (the pre-divide circuit) is referred as “pre-divide ratio” hereafter.
2: The character size is specified with dot size and pre-divide ratio (refer to (3) Dote size).
Note : Note that MASK version has 36 characters ! 12 lines when
programming.
40 characters ! 16 lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com