Electronic Components Datasheet Search
  English  ▼

X  

M37274EFSP Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 63Page - Renesas Technology Corp M37274EFSP Datasheet HTML 64Page - Renesas Technology Corp M37274EFSP Datasheet HTML 65Page - Renesas Technology Corp M37274EFSP Datasheet HTML 66Page - Renesas Technology Corp M37274EFSP Datasheet HTML 67Page - Renesas Technology Corp M37274EFSP Datasheet HTML 68Page - Renesas Technology Corp M37274EFSP Datasheet HTML 69Page - Renesas Technology Corp M37274EFSP Datasheet HTML 70Page - Renesas Technology Corp M37274EFSP Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 148 page
background image
66
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
Fig. 63. Block Diagram of OSD Circuit
HSYNC VSYNC
RAM for OSD
20 bytes !40 characters !16 lines
Data bus
ROM for OSD
(16 dots! 20 dots! 256 characters) +
16 dots! 26 dots! 16 characters)
Shift register 2
16-bit
Shift register 1
16-bit
Clock for OSD
Output circuit
RG
B
OSD Control circuit
OUT1
OUT2
Control registers for OSD
(address 00CE16)
(address 00CF16)
(addresses 00D016 to 00DF16)
(address 021616)
(address 021716)
(address 021816)
(address 021916)
(address 021B16)
(addresses 021C16 to 021F16)
(addresses 022016 to 023F16)
OSD control register
Horizontal position register
Block control registers
Clock source control register
I/O polarity control register
Raster color register
Extra font color register
Border color register
Window H/L registers
Vertical position registers
Display
oscillation
circuit
OSC1 OSC2
Data slicer clock
Oscillation circuit
XIN
XOUT
Main clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com