Electronic Components Datasheet Search
  English  ▼

X  

M37274EFSP Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 12Page - Renesas Technology Corp M37274EFSP Datasheet HTML 13Page - Renesas Technology Corp M37274EFSP Datasheet HTML 14Page - Renesas Technology Corp M37274EFSP Datasheet HTML 15Page - Renesas Technology Corp M37274EFSP Datasheet HTML 16Page - Renesas Technology Corp M37274EFSP Datasheet HTML 17Page - Renesas Technology Corp M37274EFSP Datasheet HTML 18Page - Renesas Technology Corp M37274EFSP Datasheet HTML 19Page - Renesas Technology Corp M37274EFSP Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 148 page
background image
15
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
Fig. 8. Memory Map of Special Function Register 2 (SFR2) (2)
23016
23116
23216
23316
23416
23516
23616
23716
23816
23916
23A16
23B16
23C16
23D16
23E16
23F16
22016
22116
22216
22316
22416
22516
22616
22716
22816
22916
22B16
22C16
22D16
22E16
22F16
22A16 Vertical position register 111 (VP111)
Vertical position register 13 (VP13)
Vertical position register 17 (VP17)
Vertical position register 15 (VP15)
Vertical position register 16 (VP16)
Vertical position register 11 (VP11)
Vertical position register 12 (VP12)
Vertical position register 19 (VP19)
Vertical position register 110 (VP110)
Vertical position register 14 (VP14)
Vertical position register 112 (VP112)
Vertical position register 18 (VP18)
Vertical position register 23 (VP23)
Vertical position register 27 (VP27)
Vertical position register 25 (VP25)
Vertical position register 26 (VP26)
Vertical position register 21 (VP21)
Vertical position register 29 (VP29)
Vertical position register 210 (VP210)
Vertical position register 24 (VP24)
Vertical position register 212 (VP212)
Vertical position register 28 (VP28)
Vertical position register 22 (VP22)
Vertical position register 211 (VP211)
s SFR2 area (addresses 22016 to 24816)
Address
Register
Bit allocation
State immediately after reset
: Fix to this bit to “0”
(do not write to “1”)
:
<
Bit allocation >
<
State immediately after reset >
Function bit
: No function bit
: Fix to this bit to “1”
(do not write to “0”)
Name
:
: “0” immediately after reset
: Indeterminate immediately
after reset
0
1
?
: “1” immediately after reset
1
0
24016
24116
24216
24316
24416
24516
24616
24716
ROM correction address 1 (high-order)
ROM correction enable register (RCR)
ROM correction address 2 (high-order)
ROM correction address 2 (low-order)
DA-H register (DA-H)
ROM correction address 1 (low-order)
DA-L register (DA-L)
24816
Vertical position register 214 (VP214)
Vertical position register 213 (VP213)
Vertical position register 216 (VP216)
Vertical position register 215 (VP215)
Vertical position register 113 (VP113)
Vertical position register 114 (VP114)
Vertical position register 115 (VP115)
Vertical position register 116 (VP116)
b7
b0 b7
b0
?
?
?
?
VP112
VP113
VP114
VP115
VP116
VP117
VP122
VP123
VP124
VP125
VP126
VP127
VP132
VP133
VP134
VP135
VP136
VP137
VP142
VP143
VP144
VP145
VP146
VP147
VP152
VP153
VP154
VP155
VP156
VP157
VP162
VP163
VP164
VP165
VP166
VP167
VP172
VP173
VP174
VP175
VP176
VP177
VP182
VP183
VP184
VP185
VP186
VP187
VP192
VP193
VP194
VP195
VP196
VP197
VP1102
VP1103
VP1104
VP1105
VP1106
VP1107
VP1112
VP1113
VP1114
VP1115
VP1116
VP1117
VP111
VP121
VP131
VP141
VP151
VP161
VP171
VP181
VP191
VP1101
VP1111
VP1121
VP1122
VP1123
VP1124
VP1125
VP1126
VP1127
VP210
VP211
VP220
VP221
VP230
VP231
VP240
VP241
VP250
VP251
VP260
VP261
VP270
VP271
VP280
VP281
VP290
VP291
VP2100
VP2101
VP2110
VP2111
VP2120
VP2121
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
RCR0
RCR1
0016
0016
?
0016
0016
0016
0016
0016
0
0
?
?
???
?
VP110
VP120
VP130
VP140
VP150
VP160
VP170
VP180
VP190
VP1100
VP1110
VP1120
0
0
0
00
0016
VP2130
VP2131
VP2140
VP2141
VP2150
VP2151
VP2160
VP2161
VP1142
VP1143
VP1144
VP1145
VP1146
VP1147
VP1152
VP1153
VP1154
VP1155
VP1156
VP1157
VP1162
VP1163
VP1164
VP1165
VP1166
VP1167
VP1140
VP1150
VP1160
VP1141
VP1151
VP1161
VP1131
VP1132
VP1133
VP1134
VP1135
VP1136
VP1137
VP1130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com