Electronic Components Datasheet Search
  English  ▼

X  

M37274EFSP Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 87Page - Renesas Technology Corp M37274EFSP Datasheet HTML 88Page - Renesas Technology Corp M37274EFSP Datasheet HTML 89Page - Renesas Technology Corp M37274EFSP Datasheet HTML 90Page - Renesas Technology Corp M37274EFSP Datasheet HTML 91Page - Renesas Technology Corp M37274EFSP Datasheet HTML 92Page - Renesas Technology Corp M37274EFSP Datasheet HTML 93Page - Renesas Technology Corp M37274EFSP Datasheet HTML 94Page - Renesas Technology Corp M37274EFSP Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 148 page
background image
90
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
Border
The border is output in the OSD mode and the EXOSD mode. The all
bordered (bordering around of character font) and the shadow bor-
dered (bordering right and bottom sides of character font) are se-
lected (refer to Figure 88) by bit 2 of the OSD control register (refer to
Figure 64). The border ON/OFF is controlled by bit 2 of the block
control register (refer to Figure 65).
The OUT1 signal is used for border output. The border color for each
screen is specified by the border color register.
The horizontal size (x) of border is 1TC (OSD clock cycle divided in
the pre-divide circuit) regardless of the character font dot size. How-
ever, only when the pre-divide ratio = 2 and character size = 1.5TC,
the horizontal size is 1.5TC. The vertical size (y) different depending
on the screen scan mode and the vertical dot size of character font.
Notes 1 : There is no border for the extra font.
2 : The border dot area is the shaded area as shown in Figure
90. In the EXOSD mode, top and bottom of character font
display area is not bordered.
3 : When the border dot overlaps on the next character
font, the character font has priority (refer to Figure 91 A).
When the border dot overlaps on the next character back
ground, the border has priority (refer to Figure 91 B).
4 : The border is not displayed at right side of the most right
dot in the display area of the 40th character (the character
located at the most right of the block).
However, note that MASK version cannot display the bor-
der for the right edge dots of the 36th’s character area.
Fig. 88. Example of Border Display
Fig. 89. Horizontal and Vertical Size of Border
All bordered
Shadow bordered
y
x
1/2H
1H
1H
Vertical dot size of
character font
Border
dot size
Scan mode
Horizontal size (x)
Vertical size (y)
1TC (OSD clock cycle divided in pre-divide circuit)
1.5TC when selecting 1.5TC for character size.
Normal scan mode
Bi-scan mode
1/2H
1H, 2H, 3H
1/2H, 1H, 2H, 3H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com