Electronic Components Datasheet Search
  English  ▼

X  

M37274EFSP Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 49Page - Renesas Technology Corp M37274EFSP Datasheet HTML 50Page - Renesas Technology Corp M37274EFSP Datasheet HTML 51Page - Renesas Technology Corp M37274EFSP Datasheet HTML 52Page - Renesas Technology Corp M37274EFSP Datasheet HTML 53Page - Renesas Technology Corp M37274EFSP Datasheet HTML 54Page - Renesas Technology Corp M37274EFSP Datasheet HTML 55Page - Renesas Technology Corp M37274EFSP Datasheet HTML 56Page - Renesas Technology Corp M37274EFSP Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 148 page
background image
52
MITSUBISHI MICROCOMPUTERS
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
Function
In conformity with Philips I2C-BUS
standard:
10-bit addressing format
7-bit addressing format
High-speed clock mode
Standard clock mode
In conformity with Philips I2C-BUS
standard:
Master transmission
Master reception
Slave transmission
Slave reception
16.1 kHz to 400 kHz (at
φ = 4 MHz)
Table 7. Multi-master I2C-BUS Interface Functions
Item
Format
Communication mode
SCL clock frequency
φ : System clock = f(XIN)/2
Note: We are not responsible for any third party’s infringement of
patent rights or other rights attributable to the use of the con-
trol function (bits 6 and 7 of the I2C control register at address
00F916) for connections between the I2C-BUS interface and
ports (SCL1, SCL2, SDA1, SDA2).
MULTI-MASTER I2C-BUS INTERFACE
The multi-master I2C-BUS interface is a serial communications cir-
cuit, conforming to the Philips I2C-BUS data transfer format. This
interface, offering both arbitration lost detection and a synchronous
functions, is useful for the multi-master serial communications.
Figure 50 shows a block diagram of the multi-master I2C-BUS inter-
face and Table 7 shows multi-master I2C-BUS interface functions.
This multi-master I2C-BUS interface consists of the I2C address reg-
ister, the I2C data shift register, the I2C clock control register, the I2C
control register, the I2C status register and other control circuits.
Fig. 50. Block Diagram of Multi-master I2C-BUS Interface
I2C address register (S0D)
b7
b0
SAD6 SAD5 SAD4 SAD3 SAD2 SAD1 SAD0 RBW
Noise
elimination
circuit
Serial
data
(SDA)
Address comparator
b7
I C data shift register
b0
Data
control
circuit
I2C clock control register (S2)
System clock
( )
Interrupt
generating
circuit
Interrupt
request signal
(IICIRQ)
b7
MST TRX BB
PIN
AL AAS AD0 LRB
b0
I C status
register
(S1)
b7
b0
BSEL1
BSEL0
10BIT
SAD
ALS
BC2 BC1 BC0
I2C clock control register (S1D)
Bit counter
BB
circuit
Clock
control
circuit
Noise
elimination
circuit
Serial
clock
(SCL)
b7
b0
ACK
ACK
BIT
FAST
MODE
CCR4 CCR3 CCR2 CCR1 CCR0
Internal data bus
Clock division
S0
AL
circuit
ESO
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com