Electronic Components Datasheet Search
  English  ▼

X  

M37274EFSP Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 70Page - Renesas Technology Corp M37274EFSP Datasheet HTML 71Page - Renesas Technology Corp M37274EFSP Datasheet HTML 72Page - Renesas Technology Corp M37274EFSP Datasheet HTML 73Page - Renesas Technology Corp M37274EFSP Datasheet HTML 74Page - Renesas Technology Corp M37274EFSP Datasheet HTML 75Page - Renesas Technology Corp M37274EFSP Datasheet HTML 76Page - Renesas Technology Corp M37274EFSP Datasheet HTML 77Page - Renesas Technology Corp M37274EFSP Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 148 page
background image
73
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
Notes 1 : 1TC (TC : OSD clock cycle divided by prescaler) gap oc-
curs between the horizontal display start position set by
the horizontal position register and the most left dot of the
1st block. Accordingly, when 2 blocks have different pre-
divide ratios, their horizontal display start position will not
match.
Ordinaly, this gap is 1TC regardless of character sizes,
however, the gap is 1.5TC only when the character size is
1.5TC.
2 : The horizontal start position is based on the OSD clock
source cycle selected for each block. Accordingly, when 2
blocks have different OSD clock source cycles, their hori-
zontal display start position will not match.
Fig. 73. Notes on Horizontal Display Start Position
HSYNC
1TC
1TC
Block 1 (Pre-divide ratio = 1, clock source = data slicer clock)
1TC
1TC
4TOSC ! N
4TOSC’ ! N
Note 1
Note 2
Block 2 (Pre-divide ratio = 2, clock source = data slicer clock)
Block 3 (Pre-divide ratio = 3, clock source = data slicer clock)
Block 5 (Pre-divide ratio = 3, clock source = OSC1)
Block 4 (Pre-divide ratio = 2, character size = 1.5Tc, clock source = data slicer clock)
1.5TC
: Value of horizontal position register (decimal notation)
: OSD clock cycle divided in the pre-divide circuit
: OSD oscillation cycle
N
1Tc
Tosc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com