Electronic Components Datasheet Search
  English  ▼

X  

M37274EFSP Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 57Page - Renesas Technology Corp M37274EFSP Datasheet HTML 58Page - Renesas Technology Corp M37274EFSP Datasheet HTML 59Page - Renesas Technology Corp M37274EFSP Datasheet HTML 60Page - Renesas Technology Corp M37274EFSP Datasheet HTML 61Page - Renesas Technology Corp M37274EFSP Datasheet HTML 62Page - Renesas Technology Corp M37274EFSP Datasheet HTML 63Page - Renesas Technology Corp M37274EFSP Datasheet HTML 64Page - Renesas Technology Corp M37274EFSP Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 148 page
background image
60
MITSUBISHI MICROCOMPUTERS
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
(6) START Condition Generation Method
When the ESO bit of the I2C control register (address 00F916) is “1,”
execute a write instruction to the I2C status register (address 00F816)
to set the MST, TRX and BB bits to “1.” A START condition will then
be generated. After that, the bit counter becomes “0002” and an SCL
for 1 byte is output. The START condition generation timing and BB
bit set timing are different in the standard clock mode and the high-
speed clock mode. Refer to Figure 58 for the START condition gen-
eration timing diagram, and Table 8 for the START condition/STOP
condition generation timing table.
Fig. 57. Interrupt Request Signal Generation Timing
SCL
PIN
IICIRQ
Fig. 58. START Condition Generation Timing Diagram
(7) RESTART Condition Generation Method
To generate the RESTART condition, take the following sequence:
1Set “2016” to the I2C status register (S1).
2Write a transmit data to the I2C data shift register.
3Set “F016” to the I2C status register (S1) again.
<Example of Setting of RESTART Condition>
I2C status register
; S1 = 2016
I2C data shift register ; S0 = transmit data after restart
I2C status register
; S1 = F016
I2C status register
write signal
Set time for
BB flag
Hold time
Setup
time
SCL
SDA
BB flag
Setup
time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com