Electronic Components Datasheet Search
  English  ▼

X  

M37274EFSP Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # M37274EFSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37274EFSP Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button M37274EFSP Datasheet HTML 40Page - Renesas Technology Corp M37274EFSP Datasheet HTML 41Page - Renesas Technology Corp M37274EFSP Datasheet HTML 42Page - Renesas Technology Corp M37274EFSP Datasheet HTML 43Page - Renesas Technology Corp M37274EFSP Datasheet HTML 44Page - Renesas Technology Corp M37274EFSP Datasheet HTML 45Page - Renesas Technology Corp M37274EFSP Datasheet HTML 46Page - Renesas Technology Corp M37274EFSP Datasheet HTML 47Page - Renesas Technology Corp M37274EFSP Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 148 page
background image
2
43
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37274EFSP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
paramentic
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
Selection of field to be sliced data
In the case of the main data slice line, the field to be sliced data is
selected by bits 2 and 1 of the data slicer control register 1 (address
00EA16). In the case of the sub-data slice line, the field is selected
by bits 2 and 1 of the data slicer control register 3. When bit 2 of
the data slicer control register 1 is set to “1,” it is possible to slice
data of both fields (refer to Figures 32 to 34).
Specification of line to set slice voltage
The reference voltage for slicing (slice voltage) is generated by
integrating the amplitude of the clock run-in pulse in the particular
line (refer to Table 4).
Field determination
The field determination flag can be read out by bit 5 of the data
slicer control register 1. This flag charge at the falling edge of
Vsep.
Fig. 38. Signals in Vertical Blanking Interval
(5) Data Slice Line Specification Circuit
Specification of data slice line
M37274MA-XXXSP has 2 data slice line specification circuits for
slicing arbitrary 2 Hsep in 1 field. The following 2 data slice lines
are specified .
<Main data slice line>
This line is specified by the caption position register (address
00E016).
<Sub-data slice line>
This line is specified by the data slicer control register 3 (address
00EB16).
The counter is reset at the falling edge of Vsep and is incremented
by 1 every Hsep pulse. When the counter value matched the value
specified by bits 4 to 0 of the caption position register (in case of
the sub-data slice line, by bits 3 to 7 of the data slicer control register
3), this Hsep is sliced.
The values of “0016” to “1F16” can be set in the caption position
register. Bit 7 to bit 5 are used for testing. Set “1002.” Figure 38
shows the signals in the vertical blanking interval. Figure 39 shows
the structure of the caption position register.
Video signal
Vertical blanking interval
Composite
video signal
Count value to be set in the caption position register (“11 16” in this case)
Hsep
Vsep
Hsep
Magnified
drawing
Clock run-in
Start bit + 16-bit data
Start bit
Time to be set in the
start bit position register
Composite video
signal
min. max.
Line 21
1
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com