Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 101Page - Renesas Technology Corp R8C/12 Datasheet HTML 102Page - Renesas Technology Corp R8C/12 Datasheet HTML 103Page - Renesas Technology Corp R8C/12 Datasheet HTML 104Page - Renesas Technology Corp R8C/12 Datasheet HTML 105Page - Renesas Technology Corp R8C/12 Datasheet HTML 106Page - Renesas Technology Corp R8C/12 Datasheet HTML 107Page - Renesas Technology Corp R8C/12 Datasheet HTML 108Page - Renesas Technology Corp R8C/12 Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 198 page
background image
R8C/12 Group
13.1 Clock Synchronous Serial I/O Mode
Rev.1.20
Jan 27, 2006
page 95 of 181
REJ09B0110-0120
Table 13. 2 Registers to Be Used and Settings in Clock Synchronous Serial I/O Mode
Register
Bit
Function
U0TB
0 to 7
Set transmission data
U0RB
0 to 7
Reception data can be read
OER
Overrun error flag
U0BRG
0 to 7
Set a bit rate
U0MR
SMD2 to SMD0
Set to “0012”
CKDIR
Select the internal clock or external clock
U0C0
CLK1 to CLK0
Select the count source for the U0BRG register
TXEPT
Transmit register empty flag
NCH
Select TxD0 pin output mode
CKPOL
Select the transfer clock polarity
UFORM
Select the LSB first or MSB first
U0C1
TE
Set this bit to “1” to enable transmission/reception
TI
Transmit buffer empty flag
RE
Set this bit to “1” to enable reception
RI
Reception complete flag
UCON
U0IRS
Select the source of UART0 transmit interrupt
U0RRM
Set this bit to “1” to use continuous receive mode
TXDISEL
Set to “0”
TXDIEN
Set to “0”
NOTES:
1. Not all register bits are described above. Set those bits to “0” when writing to the registers in clock
synchronous serial I/O mode.
Table 13.3 lists the functions of the I/O pins during clock synchronous serial I/O mode. Note that for a
period from when the UART0 operation mode is selected to when transfer starts, the TxD0 pin outputs an
“H”. (If the NCH bit is set to “1”(N-channel open-drain output), this pin is in a high-impedance state.)
Table 13.3 Pin Functions
Pin name
Function
Method of selection
TxD0
(P14)
Serial data output
Serial data input
Transfer clock output
Transfer clock input
(Outputs dummy data when performing reception only)
RxD0
(P15)
CLK0
(P16)
U0MR register CKDIR bit=0
U0MR register CKDIR bit=1
PD1 register PD1_6 bit=0
PD1 register PD1_5 bit=0
(P15 can be used as an input port when performing transmission only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com