Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 104Page - Renesas Technology Corp R8C/12 Datasheet HTML 105Page - Renesas Technology Corp R8C/12 Datasheet HTML 106Page - Renesas Technology Corp R8C/12 Datasheet HTML 107Page - Renesas Technology Corp R8C/12 Datasheet HTML 108Page - Renesas Technology Corp R8C/12 Datasheet HTML 109Page - Renesas Technology Corp R8C/12 Datasheet HTML 110Page - Renesas Technology Corp R8C/12 Datasheet HTML 111Page - Renesas Technology Corp R8C/12 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 198 page
background image
R8C/12 Group
13.1 Clock Synchronous Serial I/O Mode
Rev.1.20
Jan 27, 2006
page 98 of 181
REJ09B0110-0120
13.1.3 Continuous Receive Mode
Continuous receive mode is held by setting setting the U0RRM bit in the UCON register to “1” (en-
ables continuous receive mode). In this mode, reading the U0RB register sets the TI bit in the U0C1
register to “0”(data in the U0TB register). When the U0RRM bit is set to “1”, do not write dummy data
to tge U0TB register in a program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com