Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 103Page - Renesas Technology Corp R8C/12 Datasheet HTML 104Page - Renesas Technology Corp R8C/12 Datasheet HTML 105Page - Renesas Technology Corp R8C/12 Datasheet HTML 106Page - Renesas Technology Corp R8C/12 Datasheet HTML 107Page - Renesas Technology Corp R8C/12 Datasheet HTML 108Page - Renesas Technology Corp R8C/12 Datasheet HTML 109Page - Renesas Technology Corp R8C/12 Datasheet HTML 110Page - Renesas Technology Corp R8C/12 Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 198 page
background image
R8C/12 Group
13.1 Clock Synchronous Serial I/O Mode
Rev.1.20
Jan 27, 2006
page 97 of 181
REJ09B0110-0120
13.1.1 Polarity Select Function
Figure 13.7 shows the polarity of the transfer clock. Use the CKPOL bit in the U0C0 register to select
the transfer clock polarity.
(2) When the U0C0 register CKPOL bit = 1 (transmit data output at the rising
edge and the receive data taken in at the falling edge of the transfer clock)
D1
D2
D3
D4
D5
D6
D7
D1
D2
D3
D4
D5
D6
D7
D0
D0
TXD0
RXD0
CLK0(2)
(1) When the U0C0 register CKPOL bit = 0 (transmit data output at the falling
edge and the receive data taken in at the rising edge of the transfer clock)
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
D0
TXD0
RXD0
CLK0(1)
NOTES:
1. When not transferring, the CLK0 pin outputs a high signal.
2. When not transferring, the CLK0 pin outputs a low signal.
Figure 13.7 Transfer Clock Polarity
13.1.2 LSB First/MSB First Select Function
Figure 13.8 shows the transfer format. Use the UFORM bit in the U0C0 register to select the transfer
format.
Figure 13.8 Transfer Format
(1) When U0C0 register UFORM bit = 0 (LSB first)
D0
D0
D1
D2
D3
D4
D5
D6
D7
D1
D2
D3
D4
D5
D6
D7
TXD0
RXD0
CLK0
(2) When U0C0 register UFORM bit = 1 (MSB first)
D6
D5
D4
D3
D2
D1
D0
D7
D7
D6
D5
D4
D3
D2
D1
D0
TXD0
RXD0
CLK0
NOTES:
1.This applies to the case where the CKPOL bit in the U0C0 register
is set to “0” (transmit data output at the falling edge and the receive
data taken in at the rising edge of the transfer clock).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com