Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 111Page - Renesas Technology Corp R8C/13 Datasheet HTML 112Page - Renesas Technology Corp R8C/13 Datasheet HTML 113Page - Renesas Technology Corp R8C/13 Datasheet HTML 114Page - Renesas Technology Corp R8C/13 Datasheet HTML 115Page - Renesas Technology Corp R8C/13 Datasheet HTML 116Page - Renesas Technology Corp R8C/13 Datasheet HTML 117Page - Renesas Technology Corp R8C/13 Datasheet HTML 118Page - Renesas Technology Corp R8C/13 Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 104 of 205
REJ09B0111-0120
R8C/13 Group
12.4 Timer (Timer C)
Figure 12.32 TCC1 Register and TCOUT Register
Timer C control register 1
SymbolAddressAfter reset
TCC1009B16
0016
Bit name
Function
Bit symbol
b7 b6 b5 b4 b3 b2 b1 b0
TCC11
TCC10
b1 b0
INT3 input filter select bit(1)
Timer C counter reload
select bit(3)
TCC12
RW
RW
RW
RW
0 0: No filter
0 1: Filter with f1 sampling
1 0: Filter with f8 sampling
1 1: Filter with f32 sampling
0: No reload (free-run)
1: Set TC register to “000016” at
compare 1 match
NOTES:
1. Input is recognized only when the same value from INT3 pin is sampled three times in succession.
2. The TCC00 bit in the TCC0 register should be set to “0” (count stop) when rewriting the TCC13 bit.
3. The TCC12 and TCC14 to TCC17 should be set to “0” when the TCC13 bit is “0” (input capture mode).
Compare 0/Capture select
bit(2)
TCC13
RW
0: Capture
(input capture mode)(3)
1: Compare 0 output
(output compare mode)
Compare 0 output mode
select bit(3)
TCC14
RW
0 0: CMP output remains unchanged
even when compare 0 signal
matched
0 1: CMP output is reversed when
compare 0 signal is matched
1 0: CMP output is set to low when
compare 0 signal is matched
1 1: CMP output is set to high when
compare 0 signal is matched
b5 b4
Compare 1 output mode
select bit(3)
TCC16
RW
0 0: CMP output remains unchanged
even when compare 1 signal
matched
0 1: CMP output is reversed when
compare 1 signal is matched
1 0: CMP output is set to low when
compare 1 signal is matched
1 1: CMP output is set to high when
compare 1 signal is matched
b7 b6
TCC15
TCC17
Timer C output control register
Symbol
Address
After reset
TCOUT
00FF16
0016
Bit name
Function
Bit symbol
b7 b6 b5 b4 b3 b2 b1 b0
TCOUT1
TCOUT0
CMP output enable bit 0
RW
RW
RW
0: Disable CMP output from CMP00
1: Enable CMP output from CMP00
NOTES:
1. Set the bits which are not used for the CMP output to “0”.
CMP output enable bit 2
TCOUT4
RW
TCOUT6
RW
TCOUT5
CMP output enable bit 1
0: Disabe CMP output from CMP01
1: Enable CMP output from CMP01
0: Disable CMP output from CMP02
1: Enable CMP output from CMP02
CMP output reverse bit 0
0: Not reverse CMP output from
CMP10 to CMP12
1: Reverse CMP output from
CMP10 to CMP12
CMP output reverse bit 1
RW
TCOUT2
RW
TCOUT3
CMP output enable bit 3
0: Disable CMP output from CMP10
1: Enable CMP output from CMP10
RW
CMP output enable bit 4
0: Disable CMP output from CMP11
1: Enable CMP output from CMP11
CMP output enable bit 5
0: Disable CMP output from CMP12
1: Enable CMP output from CMP12
RW
0: Not reverse CMP output from
CMP00 to CMP02
1: Reverse CMP output from
CMP 00 to CMP02
TCOUT7
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com